Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7352 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7352
Description  Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7352 Datasheet(HTML) 3 Page - Analog Devices

  AD7352 Datasheet HTML 1Page - Analog Devices AD7352 Datasheet HTML 2Page - Analog Devices AD7352 Datasheet HTML 3Page - Analog Devices AD7352 Datasheet HTML 4Page - Analog Devices AD7352 Datasheet HTML 5Page - Analog Devices AD7352 Datasheet HTML 6Page - Analog Devices AD7352 Datasheet HTML 7Page - Analog Devices AD7352 Datasheet HTML 8Page - Analog Devices AD7352 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Preliminary Technical Data
AD7357
Rev. PrD | Page 3 of 17
SPECIFICATIONS
AD7357 SPECIFICATIONS
VDD = 2.5 +/-10% V, VDRIVE = 2.5 V to 3.3 +10% V, internal VREF = 2.048 V, unless otherwise noted, FCLKIN = 80 MHz, FSAMPLE = 4.25 MSPS;
TA = TMIN to TMAX1, unless otherwise noted.
Table 1.
Parameter
Specification
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 1 MHz sine wave
Signal-to-Noise Ratio (SNR)
78
dB min
Signal-to-Noise and Distortion (SINAD)
77
dB min
Total Harmonic Distortion (THD)
TBD
dB max
Spurious Free Dynamic Range (SFDR)
TBD
dB max
Intermodulation Distortion (IMD)
fa = TBD Hz, fb = TBD Hz
Second Order Terms
TBD
dB typ
Third Order Terms
TBD
dB typ
Channel-to-Channel Isolation
−85
dB typ
fIN = TBD kHz, fNOISE = TBD kHz
SAMPLE AND HOLD
Aperture Delay
5
ns max
Aperture Delay Matching
40
ps max
Aperture Jitter
15
ps typ
Full Power Bandwidth
200
MHz typ
@ 3 dB
30
MHz typ
@ 0.1 dB
DC ACCURACY
Resolution
14
Bits
Integral Nonlinearity
±2
LSB max
Differential Nonlinearity
±0.99
LSB max
Guaranteed no missed codes to 14 bits
Offset Error
±10
LSB max
Offset Error Match
±1
LSB typ
±6
LSB max
Gain Error
±10
LSB max
Gain Error Match
±1
LSB typ
±6
LSB max
ANALOG INPUT
Fully Differential Input Range: Vin+ and Vin−
VCM ± VREF⁄2
V
VCM = common-mode voltage , Vin+ and Vin− must
remain within GND⁄VDD
DC Leakage Current
±1
µA max
Input Capacitance
35
pF typ
When in track
10
pF typ
When in hold
REFERENCE INPUT/OUTPUT
VREF Input Voltage Range
2.048+100mV / Vdd
V min / V max
DC Leakage Current
±1
µA max
VREF Output Voltage
2.048
V
±0.5% max @ 25°C
VREF Temperature Coefficient
10
ppm⁄°C typ
VREF Long Term Stability
100
ppm typ
For 1000 hours
VREF Output Voltage Hysteresis2
50
ppm typ
VREF Noise
TBD
µV Typ
VREF Output Impedance
TBD
Ω Typ
VREF Input Capacitance
TBD
pF typ
When in track
LOGIC INPUTS
Input High Voltage, VINH
0.6 × Vdrive
V min
Input Low Voltage, VINL
0.3 × Vdrive
V max
Input Current, IIN
±1
µA max
VIN = 0 V or VDRIVE
Input Capacitance, CIN
10
pF typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com