Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F360 Datasheet(PDF) 66 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 66 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 62Page - Silicon Laboratories C8051F360 Datasheet HTML 63Page - Silicon Laboratories C8051F360 Datasheet HTML 64Page - Silicon Laboratories C8051F360 Datasheet HTML 65Page - Silicon Laboratories C8051F360 Datasheet HTML 66Page - Silicon Laboratories C8051F360 Datasheet HTML 67Page - Silicon Laboratories C8051F360 Datasheet HTML 68Page - Silicon Laboratories C8051F360 Datasheet HTML 69Page - Silicon Laboratories C8051F360 Datasheet HTML 70Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 289 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
66
Rev. 1.1
SFR Definition 6.3. IDA0L: IDA0 Data Word LSB
Table 6.1. IDAC Electrical Characteristics
–40 to +85 °C, VDD = 3.0 V Full-scale output current set to 2 mA unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Static Performance
Resolution
10
bits
Integral Nonlinearity
—
±0.5
±2
LSB
Differential Nonlinearity
Guaranteed Monotonic
—
±0.5
±1
LSB
Output Compliance Range
—
—
VDD – 1.2
V
Offset Error
—
0
—
LSB
Full Scale Error
2 mA Full Scale Output Current
–15
0
15
LSB
Full Scale Error Tempco
—
30
—
ppm/°C
VDD Power Supply
Rejection Ratio
—
6.5
—
µA/V
Dynamic Performance
Output Settling Time to 1/2
LSB
IDA0H:L = 0x3FF to 0x000
—
5
—
µs
Startup Time
—
5
—
µs
Gain Variation
1 mA Full Scale Output Current
0.5 mA Full Scale Output Current
—
—
±1
±1
—
—
%
%
Power Consumption
Power Supply Current (VDD
supplied to IDAC)
2 mA Full Scale Output Current
1 mA Full Scale Output Current
0.5 mA Full Scale Output Current
—
—
—
2140
1140
640
—
—
—
µA
µA
µA
Bits 7–6: IDA0 Data Word Low-Order Bits.
Lower 2 bits of the 10-bit Data Word.
Bits 5–0: UNUSED. Read = 000000b, Write = don’t care.
SFR Page:
SFR Address:
all pages
0x96
R/W
R/W
R
RRR
RR
Reset Value
—
—
—
—
—
—
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com