Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F360 Datasheet(PDF) 97 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 97 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 93Page - Silicon Laboratories C8051F360 Datasheet HTML 94Page - Silicon Laboratories C8051F360 Datasheet HTML 95Page - Silicon Laboratories C8051F360 Datasheet HTML 96Page - Silicon Laboratories C8051F360 Datasheet HTML 97Page - Silicon Laboratories C8051F360 Datasheet HTML 98Page - Silicon Laboratories C8051F360 Datasheet HTML 99Page - Silicon Laboratories C8051F360 Datasheet HTML 100Page - Silicon Laboratories C8051F360 Datasheet HTML 101Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 289 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
97
Rev. 1.1
Table 9.3. Special Function Registers
SFRs are listed in alphabetical order. All undefined SFR locations are reserved.
Register
Address
SFR
Page
Description
Page No.
ACC
0xE0
All Pages Accumulator
page 104
ADC0CF
0xBC
All Pages ADC0 Configuration
page 561
ADC0CN
0xE8
All Pages ADC0 Control
page 571
ADC0GTH
0xC4
All Pages ADC0 Greater-Than High Byte
page 581
ADC0GTL
0xC3
All Pages ADC0 Greater-Than Low Byte
page 581
ADC0H
0xBE
All Pages ADC0 Data Word High Byte
page 561
ADC0L
0xBD
All Pages ADC0 Data Word Low Byte
page 561
ADC0LTH
0xC6
All Pages ADC0 Less-Than High Byte
page 591
ADC0LTL
0xC5
All Pages ADC0 Less-Than Low Byte
page 591
AMX0N
0xBA
All Pages AMUX0 Negative Channel Select
page 551
AMX0P
0xBB
All Pages AMUX0 Positive Channel Select
page 541
B
0xF0
All Pages B Register
page 104
CCH0CN
0x84
F
Cache Control
page 149
CCH0LC
0xD2
F
Cache Lock
page 151
CCH0MA
0xD3
F
Cache Miss Accumulator
page 152
CCH0TN
0xC9
F
Cache Tuning
page 150
CKCON
0x8E
All Pages Clock Control
page 252
CLKSEL
0x8F
F
System Clock Select
page 173
CPT0CN
0x9B
All Pages Comparator0 Control
page 73
CPT0MD
0x9D
All Pages Comparator0 Configuration
page 75
CPT0MX
0x9F
All Pages Comparator0 MUX Selection
page 74
CPT1CN
0x9A
All Pages Comparator1 Control
page 76
CPT1MD
0x9C
All Pages Comparator1 Configuration
page 78
CPT1MX
0x9E
All Pages Comparator1 MUX Selection
page 77
DPH
0x83
All Pages Data Pointer High Byte
page 102
DPL
0x82
All Pages Data Pointer Low Byte
page 102
EIE1
0xE6
All Pages Extended Interrupt Enable 1
page 112
EIE2
0xE7
All Pages Extended Interrupt Enable 2
page 114
EIP1
0xCE
F
Extended Interrupt Priority 1
page 113
EIP2
0xCF
F
Extended Interrupt Priority 2
page 114
Notes:
1. Refers to a register in the C8051F360/1/2/6/7/8/9 only.
2. Refers to a register in the C8051F360/3 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com