Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1713AUJZ-3.3-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1713AUJZ-3.3-R7
Description  evaluation boards
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1713AUJZ-3.3-R7 Datasheet(HTML) 6 Page - Analog Devices

  ADP1713AUJZ-3.3-R7 Datasheet HTML 1Page - Analog Devices ADP1713AUJZ-3.3-R7 Datasheet HTML 2Page - Analog Devices ADP1713AUJZ-3.3-R7 Datasheet HTML 3Page - Analog Devices ADP1713AUJZ-3.3-R7 Datasheet HTML 4Page - Analog Devices ADP1713AUJZ-3.3-R7 Datasheet HTML 5Page - Analog Devices ADP1713AUJZ-3.3-R7 Datasheet HTML 6Page - Analog Devices ADP1713AUJZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADP1713AUJZ-3.3-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
EVAL-ADP1712/ADP1713/ADP1714
Rev. 0 | Page 6 of 8
LOAD REGULATION
For load regulation measurements, the regulator’s output is
monitored while the load is varied. For good load regulation,
the output must change as little as possible with varying load.
The input voltage must be held constant during this measure-
ment. The load current can be varied from 0 mA to 300 mA.
Figure 9 shows the typical load regulation performance of an
ADP1712 with fixed 3.3 V output for an input voltage of 3.8 V.
3.304
3.290
0.1
1000
ILOAD (mA)
1
10
100
3.302
3.300
3.298
3.296
3.294
3.292
Figure 9. Output Voltage vs. Load Current
DROPOUT VOLTAGE
Dropout voltage can be measured using the configuration
shown in Figure 7. Dropout voltage is defined as the input-to-
output voltage differential when the input voltage is set to the
nominal output voltage. This applies only for output voltages
above 2.5 V. Dropout voltage increases with larger loads. For
more accurate measurements, a second voltage meter can be
used to monitor the input voltage across the input capacitor.
The input supply voltage may need to be adjusted to account for
IR drops, especially if large load currents are used. Figure 10
shows a typical curve of dropout voltage measurements with
different load currents.
180
0
0.1
1000
ILOAD (mA)
1
10
100
160
140
120
100
80
60
40
20
Figure 10. Dropout Voltage vs. Load Current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com