Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1713AUJZ-3.3-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1713AUJZ-3.3-R7
Description  evaluation boards
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1713AUJZ-3.3-R7 Datasheet(HTML) 8 Page - Analog Devices

  ADP1713AUJZ-3.3-R7 Datasheet HTML 1Page - Analog Devices ADP1713AUJZ-3.3-R7 Datasheet HTML 2Page - Analog Devices ADP1713AUJZ-3.3-R7 Datasheet HTML 3Page - Analog Devices ADP1713AUJZ-3.3-R7 Datasheet HTML 4Page - Analog Devices ADP1713AUJZ-3.3-R7 Datasheet HTML 5Page - Analog Devices ADP1713AUJZ-3.3-R7 Datasheet HTML 6Page - Analog Devices ADP1713AUJZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADP1713AUJZ-3.3-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
EVAL-ADP1712/ADP1713/ADP1714
Rev. 0 | Page 8 of 8
ORDERING INFORMATION
BILL OF MATERIALS
Table 2.
Qty
Reference Designator
Description
Manufacturer/Vendor
Vendor Part No.
2
C1, C2
Capacitor, MLCC, 2.2 μF, 16 V, 0805, X5R
Murata or equivalent
GRM21BR61C225KA88
1
C3
Capacitor, MLCC, 10 nF, 16 V, 0805, X5R
Murata or equivalent
GRM21BR72A103KA01
2
R1, R2
Resistor, 10 kΩ, 1%, 0805
Vishay Dale or equivalent
CRCW080510K0FKEA
1
J1
Header, single, STR, 2 pins
Digi-Key, Corp.
S1012E-36-ND
4
U1
IC, LDO regulator
Analog Devices, Inc.
ADP1712AUJZ-3.3-R7
ADP1712AUJZ-R7
ADP1713AUJZ-3.3-R7
ADP1714AUJZ-3.3-R7
ORDERING GUIDE
Model
Output Voltage
Description
ADP1712-3.3-EVALZ1
3.3 V
ADP1712 Fixed 3.3 V Output with Soft Start Evaluation Board
ADP1712-EVALZ1
Adjustable, but set to 1.6 V
ADP1712 Adjustable Output Evaluation Board
ADP1713-3.3-EVALZ1
3.3 V
ADP1713 Fixed 3.3 V Output with Bypass Evaluation Board
ADP1714-3.3-EVALZ1
3.3 V
ADP1714 Fixed 3.3 V Output with Track Mode Evaluation Board
1 Z = RoHS Compliant Part.
ESD CAUTION
©2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
EB06491-0-3/07(0)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com