Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS612LSB Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ATS612LSB
Description  Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS612LSB Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ATS612LSB_1 Datasheet HTML 9Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 10Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 11Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 12Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 13Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 14Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 15Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 16Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 17Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ATS612LSB
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
12
Recommended Evaluation Technique. The self-
calibrating feature of the ATS612LSB requires that a
special evaluation technique be used to measure its high-
accuracy performance capabilities. Installation inaccura-
cies are calibrated out at power on only; hence, it is
extremely important that the device be re-powered at each
air gap when gathering timing accuracy data.
Self-Calibrating Functions. The ATS612LSB is de-
signed to minimize performance variation caused by the
large air gap variations resulting from installation by self-
calibrating at power-on. This function should be tested
using the following procedure.
1.
Set the air gap to the desired value.
2.
Power down and then power on the device.
3.
Rotate the target at the desired speed.
4.
Wait for calibration to complete (64 output pulses to
occur).
5.
Monitor output for correct switching and measure
accuracy.
6.
Repeat the above for multiple air gaps within the
operating range of the device.
7.
This can be repeated over the entire operating tem-
perature range.
Measurement of the effect of changing air gap after power
on:
1.
Set the air gap to the desired value (nominal, for
example). Rotate the target at the desired speed.
Apply power to the module. Wait for 64 output pulses
to occur. Monitor output for correct switching and
measure accuracy.
2.
Change the air gap by
± 0.25 mm. Do not re-power
module. Monitor the output for correct switching and
measure accuracy.
Gear Diameter and Pitch. Signal frequency is a direct
function of gear pitch and rotational speed (RPM). The
width of the magnetic signal in degrees and, hence, the
signal slope created by the tooth is directly proportional to
the circumference of the gear (
πDo). Smaller diameters
limit the low-speed operation due to the slower rate of
change of the magnetic signal per degree of gear rotation
(here the limitation is the droop of the capacitor versus the
signal change). Larger diameters limit high-speed opera-
tion due to the higher rate of change of magnetic signal
per degree of rotation (here the limitation is the maximum
charge rate of the capacitor versus the rate of signal
change). These devices are optimized for a 50mm gear
diameter (signal not limited by tooth width), 0.22
µF
capacitor, and speeds of 10 RPM to 8000 RPM. For very
large diameter gears (diameter >200 mm), the devices
must be configured with a lower value capacitor, but not
less than 0.1
µF. This allows for a range of 5:1 in gear
diameters.
Air Gap and Tooth Geometry. Operating specifications
are impacted by tooth width (T), valley width (pc - T) and
depth (ht), gear material, and gear face thickness (F). The
target can be a gear or a specially cut shaft-mounted tone
wheel made of stamped ferrous metal. In general, the
following gear or target guidelines must be followed to
achieve greater than 2mm air gap from the face of unit:
Tooth width, T .............................. >2 mm
Valley width, pc - T ...................... >2 mm
(Whole) depth, ht ......................... >3 mm
Gear material ............................... low-carbon steel
Gear face width (thickness), F ..... >3 mm
Deviation from these guidelines will result in a
reduction of air gap and a deterioration in timing accuracy.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com