Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS612LSB Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS612LSB
Description  Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS612LSB Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS612LSB_1 Datasheet HTML 1Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 2Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 3Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 4Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 5Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 6Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 7Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 8Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ATS612LSB
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
2
FUNCTIONAL BLOCK DIAGRAM
UVLO
SUPPLY
REG
+
–
1
E2
MAGNET
E1
X
X
OUTPUT
Dwg. FH-014-1
GROUND
2
4
CAPACITOR
3
POWER-ON
LOGIC
+
–
TRACK &
HOLD
GAIN
CURRENT
LIMIT
FEATURES AND BENEFITS
■ Fully Optimized Differential Digital Gear-Tooth Sensor
■ Single-Chip Sensing IC for High Reliability
■ Digital Output Representing Target Profile
■ Extremely Low Timing Accuracy Drift with Temperature
■ Large Operating Air Gaps
■ Small Mechanical Size
■ Optimized Magnetic Circuit
■ Patented Peak-Detecting Filter:
80
µs Typical Power-On Time
<10 RPM Operation (single-tooth target)
Correct First-Edge Detection
Uses Small Value Ceramic Capacitors
■ Under-Voltage Lockout
■ Wide Operating Voltage Range
■ Defined Power-On State
600
400
200
40
80
120
160
0
AMBIENT TEMPERATURE IN
°°°°C
Dwg. GH-065-7
60
100
140
180
20
800
1000
RθJA = 150
°C/W
Copyright © 2001, 2002 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com