Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0906-2 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 0906-2
Description  N-Channel Enhancement-Mode Lateral MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

0906-2 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 0906-2 Datasheet HTML 5Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 6Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 7Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 8Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 9Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 10Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 11Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 12Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MRF5S4125NR1 MRF5S4125NBR1
9
RF Device Data
Freescale Semiconductor
Zo = 25 Ω
Zload
Zsource
f = 385 MHz
f = 545 MHz
f = 545 MHz
f = 385 MHz
VDD = 28 Vdc, IDQ = 1100 mA, Pout = 25 W Avg.
f
MHz
Zsource
W
Zload
W
385
4.735 + j2.917
2.229 + j5.627
405
4.073 + j4.202
1.809 + j6.123
425
3.987 + j5.466
1.842 + j6.684
445
3.909 + j6.743
1.767 + j7.187
465
4.094 + j7.661
1.822 + j7.338
485
4.128 + j9.483
1.566 + j8.397
505
4.446 + j11.620
1.525 + j9.787
525
4.921 + j13.710
1.769 + j11.120
545
5.437 + j15.838
2.023 + j12.467
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured
from drain to ground.
Figure 16. Series Equivalent Source and Load Impedance
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com