Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0906-2 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 0906-2
Description  N-Channel Enhancement-Mode Lateral MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

0906-2 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  0906-2 Datasheet HTML 1Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 2Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 3Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 4Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 5Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 6Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 7Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 8Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
RF Device Data
Freescale Semiconductor
MRF5S4125NR1 MRF5S4125NBR1
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22-A114)
1B (Minimum)
Machine Model (per EIA/JESD22-A115)
A (Minimum)
Charge Device Model (per JESD22-C101)
IV (Minimum)
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD 22-A113, IPC/JEDEC J-STD-020
3
260
°C
Table 5. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS = 65 Vdc, VGS = 0 Vdc)
IDSS
—
—
10
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS = 28 Vdc, VGS = 0 Vdc)
IDSS
—
—
1
μAdc
Gate-Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
—
—
10
μAdc
On Characteristics
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 400 μAdc)
VGS(th)
2
3
4
Vdc
Gate Quiescent Voltage
(VDS = 28 Vdc, ID = 1100 mAdc, Measured in Functional Test)
VGS(Q)
3.5
4.25
5
Vdc
Drain-Source On-Voltage
(VGS = 10 Vdc, ID = 1.5 Adc)
VDS(on)
0.05
0.175
0.3
Vdc
Dynamic Characteristics (1)
Reverse Transfer Capacitance
(VDS = 28 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Crss
—
2.41
—
pF
Output Capacitance
(VDS = 28 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Coss
—
74.61
—
pF
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 1100 mA, Pout = 25 W Avg. N-CDMA, f = 465 MHz,
Single-Carrier N-CDMA, 1.2288 MHz Channel Bandwidth Carrier. ACPR measured in 30 kHz Channel Bandwidth @ ±750 kHz Offset.
PAR = 9.8 dB @ 0.01% Probability on CCDF.
Power Gain
Gps
22
23
25
dB
Drain Efficiency
ηD
28
30.2
—
%
Adjacent Channel Power Ratio
ACPR
—
-47.6
-45
dBc
Input Return Loss
IRL
—
-15
-9
dB
1. Part internally input matched.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com