Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD57070-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # PD57070-E
Description  RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57070-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PD57070-E Datasheet HTML 9Page - STMicroelectronics PD57070-E Datasheet HTML 10Page - STMicroelectronics PD57070-E Datasheet HTML 11Page - STMicroelectronics PD57070-E Datasheet HTML 12Page - STMicroelectronics PD57070-E Datasheet HTML 13Page - STMicroelectronics PD57070-E Datasheet HTML 14Page - STMicroelectronics PD57070-E Datasheet HTML 15Page - STMicroelectronics PD57070-E Datasheet HTML 16Page - STMicroelectronics PD57070-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
PD57070-E, PD57070S-E
Common source s-parameter
13/22
6.2
PD57070S (VDS = 28V IDS = 1A)
Table 8.
S-parameter
FREQ
IS11IS11∠Φ
IS21IS21∠Φ
IS12IS12∠Φ
IS22IS22∠Φ
(MHz)
50
0.859
-157
19.99
90
0.009
3
0.756
-169
100
0.890
-167
9.70
79
0.009
-5
0.775
-172
150
0.906
-171
6.43
72
0.009
-10
0.788
-173
200
0.913
-173
4.61
65
0.008
-16
0.807
-173
250
0.921
-175
3.59
58
0.008
-19
0.824
-173
300
0.928
-176
2.83
52
0.007
-23
0.844
-173
350
0.933
-176
2.31
47
0.006
-23
0.862
-173
400
0.941
-177
1.92
42
0.005
-24
0.877
-173
450
0.946
-178
1.61
37
0.005
-22
0.892
-174
500
0.951
-179
1.37
33
0.004
-16
0.903
-175
550
0.956
-179
1.18
30
0.004
-10
0.913
-175
600
0.959
-180
1.02
26
0.003
-2
0.922
-176
650
0.961
180
0.90
23
0.003
3
0.929
-176
700
0.963
179
0.79
21
0.003
19
0.938
-177
750
0.966
178
0.71
18
0.003
36
0.944
-177
800
0.970
178
0.63
16
0.003
34
0.949
-178
850
0.968
177
0.57
14
0.003
49
0.953
-179
900
0.975
177
0.52
11
0.004
55
0.957
-179
950
0.972
176
0.47
9
0.004
56
0.960
-180
1000
0.972
176
0.43
8
0.004
68
0.962
180
1050
0.974
175
0.40
6
0.004
71
0.965
179
1100
0.975
175
0.37
4
0.004
76
0.967
179
1150
0.975
174
0.34
1
0.005
75
0.968
178
1200
0.971
174
0.31
0
0.005
72
0.968
178
1250
0.976
173
0.29
-2
0.006
80
0.969
177
1300
0.976
173
0.27
-3
0.006
79
0.969
177
1350
0.973
173
0.25
-4
0.007
87
0.968
176
1400
0.972
172
0.23
-5
0.007
87
0.969
176
1450
0.973
172
0.22
-6
0.007
89
0.970
175
1500
0.969
171
0.20
-7
0.008
108
0.972
175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com