Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD57070-E Datasheet(PDF) 14 Page - STMicroelectronics

Part # PD57070-E
Description  RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57070-E Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PD57070-E Datasheet HTML 10Page - STMicroelectronics PD57070-E Datasheet HTML 11Page - STMicroelectronics PD57070-E Datasheet HTML 12Page - STMicroelectronics PD57070-E Datasheet HTML 13Page - STMicroelectronics PD57070-E Datasheet HTML 14Page - STMicroelectronics PD57070-E Datasheet HTML 15Page - STMicroelectronics PD57070-E Datasheet HTML 16Page - STMicroelectronics PD57070-E Datasheet HTML 17Page - STMicroelectronics PD57070-E Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Common source s-parameter
PD57070-E, PD57070S-E
14/22
6.3
PD57070S (VDS = 28V IDS = 2A)
Table 9.
S-parameter
FREQ
IS11IS11∠Φ
IS21IS21∠Φ
IS12IS12∠Φ
IS22IS22∠Φ
(MHz)
50
0.880
-156
19.15
92
0.008
5
0.780
-172
100
0.908
-166
9.35
81
0.008
-2
0.795
-174
150
0.923
-171
6.25
74
0.008
-4
0.803
-174
200
0.928
-173
4.52
68
0.007
-13
0.817
-174
250
0.933
-175
3.55
62
0.007
-14
0.831
-174
300
0.938
-176
2.84
56
0.006
-12
0.847
-174
350
0.941
-177
2.34
51
0.005
-14
0.863
-174
400
0.945
-178
1.95
46
0.005
-13
0.876
-175
450
0.949
-178
1.66
41
0.004
-10
0.888
-175
500
0.954
-179
1.42
37
0.004
-8
0.896
-176
550
0.958
-180
1.23
33
0.003
-2
0.906
-176
600
0.961
180
1.07
30
0.003
10
0.915
-176
650
0.963
179
0.94
27
0.003
21
0.923
-177
700
0.965
178
0.84
24
0.003
27
0.930
-177
750
0.968
178
0.75
22
0.003
35
0.937
-178
800
0.968
178
0.68
19
0.003
46
0.944
-178
850
0.966
177
0.61
17
0.003
46
0.947
-179
900
0.973
176
0.56
15
0.004
63
0.953
-180
950
0.973
176
0.51
12
0.004
58
0.953
180
1000
0.972
175
0.47
10
0.004
66
0.959
180
1050
0.974
175
0.43
8
0.004
71
0.960
179
1100
0.977
175
0.40
6
0.005
73
0.963
178
1150
0.974
174
0.37
4
0.005
71
0.965
178
1200
0.970
174
0.34
3
0.005
77
0.963
178
1250
0.975
173
0.31
1
0.006
77
0.963
177
1300
0.976
173
0.29
-1
0.007
82
0.965
177
1350
0.971
173
0.27
-2
0.007
80
0.968
176
1400
0.974
172
0.25
-3
0.007
85
0.968
176
1450
0.974
172
0.24
-4
0.008
88
0.965
175
1500
0.969
171
0.22
-5
0.008
107
0.967
175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com