Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL60A08 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # QL60A08
Description  RECTIFIER MODULE Reverse Voltage - 800 to 1800 Volts Forward Current - 60.0 Ampere
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

QL60A08 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  QL60A08 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. QL60A08 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. QL60A08 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
L
Q 60A10
L
Q 60A12
L
Q 60A16
L
Q 60A18
特征 F eatures
低反向漏
电流
Low reverse leakage current
高耐浪涌
电流能力
High surge current capability
符合 RoHS 指令 2011/65/EU
Compliant to RoHS directive 2011/65/EU
应用范围 Applications
业电源
Industrial power supply
业自动化设备
Industrial power supply
PWM 逆
变器直流电源
DC supply for PWM inverter
直流
电源设备用电源
Supplies for DC power equipment
机械
参数 Mechanical Data
本体:
Case : QL
极性:极性符号铸在管体上
Polarity: Polarity symbols being marked on body
重量:
约 230 克
Weight: About230 grams
最大
额定值 Maximum Ratings @ Ta = 25℃ unless otherwise noted
参数
PARAMETER
SYMBOL
L
单位
UNIT
反向重
复峰值电压
Maximum recurrent peak reverse voltage
V RRM
800
1000
1200
1600
1800
V
平均整流
输出电流
Averagerectifiedoutputcurrent
带散热片, TC=100℃
with heatsink ,TC=100℃
I(AV)
60
A
最大正向浪涌
电流, 8.3ms单半正弦波叠加在额定负载上
Peak surge forward current, 8.3ms single half sine-wave
superimposed on rated load
IFSM
720
A
热容值, 1ms<t<8.3ms,Tj=25℃, 单个二极管
Rating for fusing,1ms<t<8.3ms,Tj=25℃, Rating of per diode
I
2t
7200
A
2s
结温
Junctiontemperat ure
Tj
-40~+150
储温度
Storagetemperature
TSTG
-40~+125
绝缘耐压, 端子与外壳之间外加交流电 1 分钟
Dielectric strength
,
terminals to case AC 1 minute
V dis
2.5
KV
关键参数
KEY PARAMETERS
参数
PARAMETER
数值
VALUE
单位
UNIT
IF(AV)
60
A
V RRM
800-1 800
V
IFSM
720
A
Package
Q 60A08
Ql60
QL
QL60A08 THRU QL60A18
RECTIFIER MODULE
Reverse Voltage - 800 to 1800 Volts Forward Current - 60.0 Ampere
www.shunyegroup.com.cn
mail to: sales@shunyegroup.com.cn


Similar Part No. - QL60A08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL63D5SA ETC2-QL63D5SA Datasheet
30Kb / 3P
InGaAlP Laser Diode
logo
Roithner LaserTechnik G...
QL63D5SA ROITHNER-QL63D5SA Datasheet
235Kb / 5P
red laser diode
QL63F5S-ABC ROITHNER-QL63F5S-ABC Datasheet
295Kb / 5P
ingaaip laser diode
logo
List of Unclassifed Man...
QL63F5SA ETC2-QL63F5SA Datasheet
33Kb / 3P
InGaAlP Laser Diode
logo
Roithner LaserTechnik G...
QL63H5S-A ROITHNER-QL63H5S-A Datasheet
219Kb / 3P
INGaAIP Laser Diode
More results

Similar Description - QL60A08

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL1N1000F RECTRON-RL1N1000F Datasheet
23Kb / 2P
PHOTOFLASH RECTIFIER (VOLTAGE RANGE 1000 to 1800 Volts CURRENT 0.5 Ampere)
logo
List of Unclassifed Man...
IS1A ETC1-IS1A Datasheet
186Kb / 2P
Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
logo
DAESAN ELECTRONIC CORP.
BY133 DAESAN-BY133 Datasheet
207Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 1800 Volts
logo
GOOD-ARK Electronics
MUR120 GOOD-ARK-MUR120 Datasheet
144Kb / 2P
Ultrafast Plastic Rectifier Reverse Voltage 200 Volts Forward Current 1.0 Ampere
logo
Kingtronics Internation...
US1A-US1M KINGTRONICS-US1A-US1M Datasheet
898Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
logo
GOOD-ARK Electronics
1F10 GOOD-ARK-1F10_15 Datasheet
117Kb / 2P
High Voltage Fast Recovery Rectifiers Reverse Voltage 1000 to 1800 Volts Forward Current 1.0 Ampere
MUR120 GOOD-ARK-MUR120_15 Datasheet
135Kb / 2P
Ultrafast Plastic Rectifier Reverse Voltage 200 Volts Forward Current 1.0 Ampere
logo
Kingtronics Internation...
1A1-1A7 KINGTRONICS-1A1-1A7_16 Datasheet
296Kb / 2P
General Purpose Plastic Rectifier REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 1.0 Ampere
logo
First Silicon Co., Ltd
SB520 FS-SB520 Datasheet
321Kb / 2P
Reverse Voltage 20 to 100 Volts, Forward Current 5.0 Ampere
UF4001 FS-UF4001 Datasheet
207Kb / 2P
Reverse Voltage 50 to 1000 Volts, Forward Current 1.0 Ampere
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com