Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL60A08 Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # QL60A08
Description  RECTIFIER MODULE Reverse Voltage - 800 to 1800 Volts Forward Current - 60.0 Ampere
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

QL60A08 Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  QL60A08 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. QL60A08 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. QL60A08 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
QL60A08 thru QL60A18
Time(Cycless)
1
2
5
10
20
50
100
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
■电性特性
Electrical Characteristics @ Ta = 25℃ unless otherwise noted
参数
PARAMETER
条件
CONDITIONS
SYMBOL
额定值
RATED VALUE
单位
UNIT
正向峰
值电压
Peak Forward Voltage
IF = 60 A
V F
1. 2
V
反向峰
值电流
Peak Reverse Current
VR=VRRM , 脉冲
测试, 单个二极管的额定值
VR=VRRM , Pulse measurementRating of per diode
Tj=25℃
IR
0.5
mA
Tj=125℃
10
■热特性 Thermal Characteristics @ Ta = 25℃ unless otherwise noted
参数
PARAMETER
SYMBOL
额定值
RATED VALUE
单位
UNIT
结到管壳的热阻 ,有散热片
Junction to casethermalresistance, with heatsink
RθJC
1.0
℃/W
■特性曲线 Characteristic Curve
FIG 1 .Derating Curve For Output Rectified Current
FIG2 .Maximum Non-Repetitive Peak ForwardSurge
CurrentPer Bridge Element
图 2.
最大正向不重
复峰值浪涌电流
FIG3.Typical Reverse Characteristics Per Bridge Element
图 3.
典型反向特性
图 1 .
电流降额曲线
FIG4.Typic al Forward Characteristics Per Bridge Element
图 4.
典型正向特性
0
20
40
60
80
100
120
140
0
Tc(℃)
160
180
200
25
50
75
100
125
150
www.shunyegroup.com.cn
mail to: sales@shunyegroup.com.cn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com