Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ Datasheet(PDF) 39 Page - Analog Devices

Part # SSM3582ACPZ
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ Datasheet(HTML) 39 Page - Analog Devices

Back Button SSM3582ACPZ Datasheet HTML 35Page - Analog Devices SSM3582ACPZ Datasheet HTML 36Page - Analog Devices SSM3582ACPZ Datasheet HTML 37Page - Analog Devices SSM3582ACPZ Datasheet HTML 38Page - Analog Devices SSM3582ACPZ Datasheet HTML 39Page - Analog Devices SSM3582ACPZ Datasheet HTML 40Page - Analog Devices SSM3582ACPZ Datasheet HTML 41Page - Analog Devices SSM3582ACPZ Datasheet HTML 42Page - Analog Devices SSM3582ACPZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
Data Sheet
SSM3582A
Rev. A | Page 39 of 58
REGISTER DETAILS
Address: 0x00, Reset: 0x41, Name: VENDOR_ID
Vendor ID
0
1
1
0
2
0
3
0
4
0
5
0
6
1
7
0
[7:0] VENDOR (R)
Table 24. Bit Descriptions for VENDOR_ID
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VENDOR
Vendor ID
0x41
R
Address: 0x01, Reset: 0x35, Name: DEVICE_ID1
Device ID 1
0
1
1
0
2
1
3
0
4
1
5
1
6
0
7
0
[7:0] DEVICE1 (R)
Table 25. Bit Descriptions for DEVICE_ID1
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
DEVICE1
Device ID 1
0x35
R
Address: 0x02, Reset: 0x82, Name: DEVICE_ID2
Device ID 2
0
0
1
1
2
0
3
0
4
0
5
0
6
0
7
1
[7:0] DEVICE2 (R)
Table 26. Bit Descriptions for DEVICE_ID2
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
DEVICE2
Device ID 2
0x82
R
Address: 0x03, Reset: 0x01, Name: REVISION
Revis ion Code
0
1
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] REV (R)
Table 27. Bit Descriptions for REVISION
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
REV
Revision Code
0x1
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com