Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2227 Datasheet(PDF) 3 Page - SMSC Corporation

Part # USB2227
Description  Flash Card Reader Media Power Considerations
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2227 Datasheet(HTML) 3 Page - SMSC Corporation

  USB2227 Datasheet HTML 1Page - SMSC Corporation USB2227 Datasheet HTML 2Page - SMSC Corporation USB2227 Datasheet HTML 3Page - SMSC Corporation USB2227 Datasheet HTML 4Page - SMSC Corporation USB2227 Datasheet HTML 5Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
USB2227 and USB2228 USB2.0 Flash Card Reader Media Power Considerations
SMSC WP 1.5
3
Revision 1.1 (03-31-05)
WHITE PAPER
Figure 3 Output Voltage vs. Load Current for VDDIO = 3.3V
Figure 2 Implementation Using Integrated FETs
USB2227/8
USB2.0
Flash Card
Reader
3.3V
Regulator
CF Card
Power
Control
USB
VBUS
Cin
Cout
Cg
Ccard
Rg
M1 V
M1
IM1
VDD
SM/xD
SD/MMC MS/MSPro
CF
MS Card
Power
SD Card
Power
SM Card
Power
0
0.5
1
1.5
2
2.5
3
3.5
0
50
100
150
200
250
Load Current (mA)
Output Voltage (V)
Vout(V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com