Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2227 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB2227
Description  Flash Card Reader Media Power Considerations
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2227 Datasheet(HTML) 1 Page - SMSC Corporation

  USB2227 Datasheet HTML 1Page - SMSC Corporation USB2227 Datasheet HTML 2Page - SMSC Corporation USB2227 Datasheet HTML 3Page - SMSC Corporation USB2227 Datasheet HTML 4Page - SMSC Corporation USB2227 Datasheet HTML 5Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMSC WP 1.5
WHITE PAPER
Revision 1.1 (03-31-05)
WP 1.5
USB2227 and USB2228 USB2.0 Flash Card
Reader Media Power Considerations
Introduction
Bus-powered USB2.0 Flash Media Card Readers are enjoying an explosive growth due to the
increasing popularity of digital photography and portable music players. The basic card formats now
stand at four types, but all of these require the careful implementation of their power control. Historically,
this is provided via discrete power FETs which are external to the card reader controller (e.g. SMSC’s
USB2223 and USB2224 devices), and requires careful design and component selection to avoid
several possible system issues. This paper addresses some of those issues.
In addition, fourth generation controllers, such as SMSC’s USB2227 and USB2228 devices, integrate
some of the power FETs internally to the controller itself, to further save system cost. The design of
these integrated FETs must account for these issues also in order to obtain successful operation.
Design Considerations
Figure 1 illustrates a typical card reader implementation and the card power supply circuit.
In operation, when the user inserts the card into its socket, the card insertion is signaled to the Reader
Controller which then applies power, by driving the power FET, M1, on. In many cases, the turn on time
of the FET is managed via Rg/Cg.
Figure 1 Card Reader Implementation/Card Power Supply Circuit
USB2.0
Flash Card
Reader
3.3V
Regulator
Card Detect
Card
Power
Control
USB
VBUS
Cin
Cout
Cg
Ccard
Rg
M1
Vm1
Im1
VDD


Similar Part No. - USB2227

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2227 SMSC-USB2227 Datasheet
919Kb / 26P
4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS
USB2227 SMSC-USB2227 Datasheet
949Kb / 27P
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
logo
Microchip Technology
USB2227 MICROCHIP-USB2227 Datasheet
374Kb / 25P
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
06/23/16
logo
SMSC Corporation
USB2227-AHZS-XX SMSC-USB2227-AHZS-XX Datasheet
949Kb / 27P
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
USB2227-NE-XX SMSC-USB2227-NE-XX Datasheet
919Kb / 26P
4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS
More results

Similar Description - USB2227

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL816 ETC-GL816 Datasheet
134Kb / 23P
USB 2.0 Flash Card Reader Controller
logo
Winbond
W83L518D WINBOND-W83L518D Datasheet
222Kb / 26P
Integrated Media Reader
W83L519D WINBOND-W83L519D Datasheet
153Kb / 22P
Integrated Media Reader
logo
GENESYS LOGIC
GL816 GENESYS-GL816 Datasheet
393Kb / 23P
USB 2.0 Flash Card Reader Controller
logo
List of Unclassifed Man...
AU6475 ETC2-AU6475 Datasheet
589Kb / 20P
USB2.0 Multi-LUN Flash Card Reader
logo
Yamaichi Electronics Co...
CF050P2-LT YAMAICHI-CF050P2-LT Datasheet
41Kb / 1P
Compact Flash Card Reader, Locking Mechanism
logo
Winbond
W83L518D WINBOND-W83L518D_05 Datasheet
316Kb / 25P
Integrated Media Reader
logo
Tripp Lite. All Rights ...
U352000MD TRIPPLITE-U352000MD Datasheet
484Kb / 2P
USB 3.0 SuperSpeed Multi Drive Smart Card Flash Memory Media Reader-Writer
logo
Holtek Semiconductor In...
HT66F4360 HOLTEK-HT66F4360 Datasheet
8Mb / 263P
Smart Card Reader Flash MCU
logo
Kingston Technology Far...
FCR-HS4 KINGSTON-FCR-HS4 Datasheet
240Kb / 2P
USB 3.0 High-Speed Media Reader
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com