Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS794 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # FS794
Description  Low EMI Spectrum Spread Clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FS794 Datasheet(HTML) 4 Page - Cypress Semiconductor

  FS794 Datasheet HTML 1Page - Cypress Semiconductor FS794 Datasheet HTML 2Page - Cypress Semiconductor FS794 Datasheet HTML 3Page - Cypress Semiconductor FS794 Datasheet HTML 4Page - Cypress Semiconductor FS794 Datasheet HTML 5Page - Cypress Semiconductor FS794 Datasheet HTML 6Page - Cypress Semiconductor FS794 Datasheet HTML 7Page - Cypress Semiconductor FS794 Datasheet HTML 8Page - Cypress Semiconductor FS794 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FS791/92/94
Document #: 38-07343 Rev *A
Page 4 of 9
Loop Filter Selection Chart
Table 5 provides a list of recommended loop filter values for
the FS791/2/4. The FS79x products operate at both 3.3 and
5.0VDC. The loop filter shown in Figure 1 is representative of
the loop filter components in Table 5
SSCG Modulation Profile
The modulation frequency of the FS79x can be computed di-
viding the input frequency by this 720. The formula to compute
the Modulation Frequency is Fm = fin / 720.
Example: Fin
= 108 MHz
Range
= 1,1
Fm
= 108 MHz / 720 = 150 kHz
With the correct loop filter connected to pin 4, the following
profile will provide the best EMI reduction. This profile can be
seen on a Time Domain Analyzer. See Figure 3.
Table 4. Range Selection Table[3]
Part Number
S1 (Pin 3)
S0 (Pin 7)
Fin (Pin 1 & 2)
Modulation Rate
FSOUT (Pin 6)
FS791
1
1
80–140MHz
Fin/720
80–140MHz
FS792
1
0
40–70MHz
Fin/480
80–140MHz
FS794
0
1
20–35MHz
Fin/240
80–140MHz
R6
C7
LF (pin 4)
Figure 1. Loop Filter Selection
Table 5. FS79x Recommended Loop Filter Values[4]
+3.3 to 5.0VDC, ±5% (R6 = 3.3K)
Input (MHz)
BW = 1% (note 5)BW = 2% (note 5)BW = 3% (note 5)BW = 4% (note 5)
All C7 capacitor values are in picofarads (pF)
80
1000
220
190
170
90
510
190
130
90
100
250
150
96
65
110
200
120
74
47
120
150
80
52
38
130
120
55
33
26
140
100
43
22
16
Notes:
3.
Fin is the frequency of the crystal connected to pins 1 & 2 to form an oscillator circuit or the frequency of a clock source connected to pin 1, derived from other
means. When the clock source is from other than a crystal, pin 2 must be left unconnected.
4.
Component values are industry standards and are readily available from component suppliers.
5.
All bandwidths indicated above are total peak-to-peak spread, example: 1% = +0.5% to –0.5% and 4% = +2.0% to –2.0%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com