Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS794 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # FS794
Description  Low EMI Spectrum Spread Clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FS794 Datasheet(HTML) 7 Page - Cypress Semiconductor

  FS794 Datasheet HTML 1Page - Cypress Semiconductor FS794 Datasheet HTML 2Page - Cypress Semiconductor FS794 Datasheet HTML 3Page - Cypress Semiconductor FS794 Datasheet HTML 4Page - Cypress Semiconductor FS794 Datasheet HTML 5Page - Cypress Semiconductor FS794 Datasheet HTML 6Page - Cypress Semiconductor FS794 Datasheet HTML 7Page - Cypress Semiconductor FS794 Datasheet HTML 8Page - Cypress Semiconductor FS794 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
FS791/92/94
Document #: 38-07343 Rev *A
Page 7 of 9
Application Notes and Schematics
The schematics below demonstrate the use of the FS791/FS792/FS794 in a practical application.
The schematics on this page demonstrate how to use the
FS791, FS792 and FS794 in a practical application.
Note that the crystal circuit in Figure 6 and Figure 7 are de-
signed for a 3rd overtone crystal. This requires an inductor and
DC blocking capacitor referenced as LX and CX in the above
circuits.
Figure 8 at the right uses a 25-MHz crystal and assumes it is
not a 3rd overtone cut. If it is a 3rd overtone crystal, LX and CX
must be installed as in Figure 6 and Figure 7.
Refer to the crystal or ceramic resonator manufacturer’s spec-
ifications for the exact values of C4, C5 and LX. Cin (pin 1) and
Cout (pin 2) = 8 pF each, which must be included in calculating
the value of C4 and C5.
VDD
VDD
**
** Occasionally, C8 is used to create
a second pole for loop stability.
Mount loop filter components
close to pin 4.
R6
R1
10 ohm
R4
22 ohm
C2
0.1 uF., 16 V
C1
10 - 22 uF., 10 V, Tantalum
C8
C7
U1
FS791
Xin
1
Xout
2
S1
3
FSOUT
6
S0
7
C5
22 pF., 50 V
Y1
100 MHz
CX
0.033 uF.
LX
C4
22 pF., 50 V
VCC
FSOUT
Figure 6.
VDD
**
** Occasionally, C8 is used to create
a second pole for loop stability.
Mount loop filter components
close to pin 4.
R6
R1
10 ohm
R4
22 ohm
C2
0.1 uF., 16 V
C4
22 pF., 50 V
C5
22 pF., 50 V
Y1
50 MHz
C1
10 - 22 uF., 10 V, Tantalum
C8
C7
U1
FS792
Xin
1
Xout
2
S1
3
FSOUT
6
S0
7
LX
CX
0.033 uF.
VCC
FS
Figure 7.
VDD
**
** Occasionally, C8 is used to create
a second pole for loop stability.
Mount loop filter components
close to pin 4.
R6
R1
10 ohm
R4
22 ohm
C2
0.1 uF., 16 V
C4
22 pF., 50 V
C5
22 pF., 50 V
Y1
25 MHz
C1
10 - 22 uF., 10 V, Tantalum
C8
C7
U1
FS794
Xin
1
Xout
2
S1
3
FSOUT
6
S0
7
VCC
FSOUT
Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com