Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF81 Datasheet(PDF) 1 Page - Texas Instruments

Part # REF81
Description  REF81 Temperature Controlled Precision Voltage Reference with 0.05ppm/°C Temperature Drift and < 1ppm Stability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF81 Datasheet(HTML) 1 Page - Texas Instruments

  REF81_V01 Datasheet HTML 1Page - Texas Instruments REF81_V01 Datasheet HTML 2Page - Texas Instruments REF81_V01 Datasheet HTML 3Page - Texas Instruments REF81_V01 Datasheet HTML 4Page - Texas Instruments REF81_V01 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REF81 Temperature Controlled Precision Voltage Reference with 0.05ppm/°C
Temperature Drift and < 1ppm Stability
1 Features
• Buried zener core 7.6V output
• Industry standard fixed output voltage
– 1X gain: 2.5V, 4.096V, 5V
– 2X gain: 5V, 8.192V, 10V
• No external buffer for 1X and 2X gain output
• Industry standard fixed output initial accuracy
– 1X gain: ±0.05%
– 2X gain: ±0.1%
• Ultra-low temperature drift: 0.05ppm/°C
• Operating temperature range: 0°C to 70°C
• Excellent long term stability: 0.3ppm (1khr to 5khr)
• 1/f noise (0.1Hz to 10Hz) : 0.15ppmpk-pk
• Integrated heater with temperature stable indicator
• Input Voltage range: 10V to 16.5V
• Heater supply range: 10V to 42V
• Hermetically sealed ceramic package (20 pin
LCCC)
2 Applications
• Parametric measurement unit
• Lab and field instrumentation
• Precision weight scales
• Battery test equipment
• Digital multimeter
• Source measurement unit
• Data acquisition
3 Description
The REF81 device utilizes precision buried zener
core with integrated heater to generate stable
7.6V. The device further integrates precision resistor
dividers and a buffer to offer industry standard
voltage references to drive precision data converters.
Integrated temperature control with an internal
heater enables the reference voltage stay constant
irrespective
of
ambient
temperature
variations
and achieve extremely low temperature drift of
0.05ppm/°C. The integration of control loop, precision
resistances and buffer enables ease of design and
eliminates need of external precision components.
The REF81 family is available in a 20-pin LCCC
package. The LCCC package is a hermetically
sealed ceramic package that enables ultra low
long-term stability specification of 1ppm, critical for
applications that demand a longer operational window
without calibration. The package also offers excellent
immunity against humidity variation.
Device Information
PART NAME
PACKAGE (1)
BODY SIZE (NOM)
(2)
REF81
LCCC (20)
8.89mm × 8.89mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
OP-STBL
T-SET
REF_GND
HEATM
Heater
Regulator
Buried Zener
Reference
RTOP
RBOT
+
–
VDD
BUFF_GND
R
GAIN_RFB
GAIN_RI
R
BUFF_OUT
+15V
10V
-15V
Stable Temp
Indicator
1X Gain
3.3V
0.5X Gain
REF81 Block Diagram (With Typical External Connections)
REF81
SLVSJJ3 – JULY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - REF81_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF81 TI2-REF81_V02 Datasheet
586Kb / 6P
REF81 Temperature Controlled Precision Voltage Reference with 0.05ppm/°C Temperature Drift and < 1ppm Stability
REVISED JULY 2026
More results

Similar Description - REF81_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF-02 AD-REF-02 Datasheet
337Kb / 8P
5V Precision Voltage Reference/Temperature Trangsducer
ADR318 AD-ADR318 Datasheet
492Kb / 8P
Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV.0
logo
Intersil Corporation
X60008A-50 INTERSIL-X60008A-50 Datasheet
284Kb / 11P
1ppm/C, 5.0V, Precision Low-Power FGA Voltage Reference
March 15, 2005
logo
Analog Devices
REF02 AD-REF02 Datasheet
454Kb / 16P
5 V Precision Voltage Reference/Temperature Transducer
7/04-Data Sheet Changed from Rev. E to Rev. F
logo
Maxim Integrated Produc...
MAX6143 MAXIM-MAX6143 Datasheet
953Kb / 16P
High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
logo
Analog Devices
REF02 AD-REF02_05 Datasheet
584Kb / 16P
5 V Precision Voltage Reference/Temperature Transducer
12/05-Rev. H to Rev. I
logo
List of Unclassifed Man...
VRE125 ETC2-VRE125 Datasheet
330Kb / 5P
Precision High Temperature Reference Supplies
logo
Maxim Integrated Produc...
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
logo
Analog Devices
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
logo
RHOPOINT COMPONENTS
VRE120C RHOPOINT-VRE120C Datasheet
337Kb / 5P
Precision High Temperature Reference Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com