Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W150HT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # W150HT
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W150HT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button W150HT Datasheet HTML 5Page - Cypress Semiconductor W150HT Datasheet HTML 6Page - Cypress Semiconductor W150HT Datasheet HTML 7Page - Cypress Semiconductor W150HT Datasheet HTML 8Page - Cypress Semiconductor W150HT Datasheet HTML 9Page - Cypress Semiconductor W150HT Datasheet HTML 10Page - Cypress Semiconductor W150HT Datasheet HTML 11Page - Cypress Semiconductor W150HT Datasheet HTML 12Page - Cypress Semiconductor W150HT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PRELIMINARY
W150
Document #: 38-07177 Rev. *B
Page 9 of 15
Absolute Maximum Ratings[3]
Stresses greater than those listed in this table may cause
permanent damage to the device. These represent a stress
rating only. Operation of the device at these or any other condi-
tions above those specified in the operating sections of this
specification is not implied. Maximum conditions for extended
periods may affect reliability.
Parameter
Description
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
TB
Ambient Temperature under Bias
–55 to +125
°C
TA
Operating Temperature
0 to +70
°C
ESDPROT
Input ESD Protection
2 (min)
kV
DC Electrical Characteristics (TA = 0°C to +70°C; VDDQ3 = 3.3V ±5%; VDDQ2 = 2.5V ±5%)
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
Supply Current
IDD
3.3V Supply Current
CPU_F, 1:2= 100 MHz
Outputs Loaded[4]
320
mA
IDD
2.5V Supply Current
CPU_F, 1:2= 100 MHz
Outputs Loaded[4]
40
mA
Logic Inputs
VIL
Input Low Voltage
GND – 0.3
0.8
V
VIH
Input High Voltage
2.0
VDD + 0.3
V
IIL
Input Low Current[5]
–25
µA
IIH
Input High Current[5]
10
µA
IIL
Input Low Current (SEL100/66#)
–5µA
IIH
Input High Current (SEL100/66#)
+5
µA
Clock Outputs
VOL
Output Low Voltage
IOL = 1 mA
50
mV
VOH
Output High Voltage
IOH = 1 mA
3.1
V
VOH
Output High Voltage
CPU_F, 1:2, IOAPIC IOH = –1 mA
2.2
V
IOL
Output Low Current
CPU_F, 1:2
VOL = 1.25V
607385
mA
PCI_F, PCI1:5
VOL = 1.5V
96
110
130
mA
IOAPIC0, IOAPIC_F VOL = 1.25V
72
92
110
mA
REF0:1
VOL = 1.5V
61
71
80
mA
48-MHz
VOL = 1.5V
60
70
80
mA
24-MHz
VOL = 1.5V
60
70
80
mA
SDRAM0:15, _F
VOL = 1.5V
95
110
130
IOH
Output High Current
CPU_F, 1:2
VOH = 1.25V
436080
mA
PCI_F, PCI1:5
VOH = 1.5V
76
96
120
mA
IOAPIC
VOH = 1.25V
60
90
130
mA
REF0:1
VOH = 1.5V
50
60
72
mA
48-MHz
VOH = 1.5V
50
60
72
mA
24-MHz
VOH = 1.5V
50
60
72
mA
SDRAM0:15, _F
VOH = 1.5V
75
95
120
Notes:
3.
Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
4.
All clock outputs loaded with 6" 60
Ω traces with 22-pF capacitors.
5.
W150 logic inputs have internal pull-up devices (not to full CMOS level). Logic input FS3 has an internal pull-down device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com