Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W150HT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W150HT
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W150HT Datasheet(HTML) 1 Page - Cypress Semiconductor

  W150HT Datasheet HTML 1Page - Cypress Semiconductor W150HT Datasheet HTML 2Page - Cypress Semiconductor W150HT Datasheet HTML 3Page - Cypress Semiconductor W150HT Datasheet HTML 4Page - Cypress Semiconductor W150HT Datasheet HTML 5Page - Cypress Semiconductor W150HT Datasheet HTML 6Page - Cypress Semiconductor W150HT Datasheet HTML 7Page - Cypress Semiconductor W150HT Datasheet HTML 8Page - Cypress Semiconductor W150HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PRELIMINARY
440BX AGPset Spread Spectrum
Frequency Synthesizer
W150
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-07177 Rev. *B
Revised January 27, 2003
Features
• Maximized electromagnetic interference (EMI)
suppression using Cypress’s Spread Spectrum
technology
• Single-chip system frequency synthesizer for Intel®
440BX AGPset
• Three copies of CPU output
• Seven copies of PCI output
• One 48-MHz output for USB/one 24-MHz for SIO
• Two buffered reference outputs
• Two IOAPIC outputs
• 17 SDRAM outputs provide support for four DIMMs
• Supports frequencies up to 150 MHz
• SMBus interface for programming
• Power management control inputs
Key Specifications
CPU Cycle-to-Cycle Jitter: .......................................... 250 ps
CPU to CPU Output Skew: ......................................... 175 ps
PCI to PCI Output Skew:............................................. 500 ps
SDRAMIN to SDRAM0:15 Delay:.......................... 3.7 ns typ.
VDDQ3:..................................................................... 3.3V±5%
VDDQ2:..................................................................... 2.5V±5%
SDRAM0:15 (leads) to SDRAM_F Skew: ............. 0.4 ns typ.
Table 1. Mode Input Table
Mode
Pin 3
0PCI_STOP#
1REF0
Table 2. Pin Selectable Frequency
Input Address
CPU_F, 1:2
(MHz)
PCI_F, 0:5
(MHz)
FS3
FS2
FS1
FS0
1
1
1
1
133.3
33.3 (CPU/4)
1
1
1
0
124
31 (CPU/4)
1
1
0
1
150
37.5 (CPU/4)
1
1
0
0
140
35 (CPU/4)
1
0
1
1
105
35 (CPU/3)
10
1
0
110
36.7 (CPU/3)
10
0
1
115
38.3 (CPU/3)
1
0
0
0
120
40 (CPU/3)
0
1
1
1
100
33.3 (CPU/3)
0
1
1
0
133.3
44.43 (CPU/3)
0
1
0
1
112
37.3 (CPU/3)
0
1
0
0
103
34.3 (CPU/3)
0
0
1
1
66.8
33.4 (CPU/2)
0
0
1
0
83.3
41.7 (CPU/2)
0
0
0
1
75
37.5 (CPU/2)
0
0
0
0
124
41.3 (CPU/3)
Logic Block Diagram
Pin Configuration[1]
VDDQ3
REF0/(PCI_STOP#)
VDDQ2
IOAPIC_F
CPU_F
CPU1
CPU2
PCI_F/MODE
XTAL
PLL Ref Freq
PLL 1
X2
X1
REF1/FS2
VDDQ3
Stop
Clock
Control
Stop
Clock
Control
PCI1
PCI2
PCI3
PCI5
48MHz/FS1
24MHz/FS0
PLL2
÷2,3,4
OSC
VDDQ2
CLK_STOP#
VDDQ3
IOAPIC0
PCI4
SMBus
SDATA
Logic
SCLK
I/O Pin
Control
SDRAM0:15
SDRAMIN
16
VDDQ3
PCI0/FS3
Stop
Clock
Control
Stop
Clock
Control
SDRAM_F
VDDQ3
REF1/FS2
REF0/(PCI_STOP#)
GND
X1
X2
VDDQ3
PCI_F/MODE
PCI0/FS3
GND
PCI1
PCI2
PCI3
PCI4
VDDQ3
PCI5
SDRAMIN
SDRAM11
SDRAM10
VDDQ3
SDRAM9
SDRAM8
GND
SDRAM15
VDDQ2
IOAPIC0
IOAPIC_F
GND
CPU_F
CPU1
VDDQ2
CPU2
GND
CLK_STOP#
SDRAM_F
VDDQ3
SDRAM0
SDRAM1
GND
SDRAM2
SDRAM3
SDRAM4
SDRAM5
VDDQ3
SDRAM6
SDRAM7
GND
SDRAM12
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
32
31
30
29
SDRAM14
GND
SDATA
SCLK
SDRAM13
VDDQ3
24MHz/FS0
48MHz/FS1
Note:
1.
1.Internal pull-up resistors should not be relied upon for setting I/O pins HIGH. Pin function
with parentheses determined by MODE pin resistor strapping. Unlike other I/O pins, input
FS3 has an internal pull-down resistor.


Similar Part No. - W150HT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W150HT SPECTRALINEAR-W150HT Datasheet
231Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
More results

Similar Description - W150HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W144 CYPRESS-W144 Datasheet
155Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
November 2, 1999
W149 CYPRESS-W149 Datasheet
157Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
July 31, 2000 rev. A
W150 CYPRESS-W150 Datasheet
155Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
February 10, 2000, rev. A
logo
SpectraLinear Inc
W144 SPECTRALINEAR-W144 Datasheet
201Kb / 13P
440BX AGPset Spread Spectrum Frequency Synthesizer
W149 SPECTRALINEAR-W149 Datasheet
202Kb / 15P
440BX AGPset Spread Spectrum Frequency Synthesizer
W150 SPECTRALINEAR-W150 Datasheet
231Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
logo
Cypress Semiconductor
W144 CYPRESS-W144_04 Datasheet
159Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
W149 CYPRESS-W149_02 Datasheet
158Kb / 16P
440BX AGPset Spread Spectrum Frequency Synthesizer
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
Spread Spectrum System Frequency Synthesizer
logo
Silicon Laboratories
CYW150 SILABS-CYW150 Datasheet
1Mb / 15P
440BX AGPset Spread Spectrum Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com