Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W255HT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W255HT
Description  200-MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W255HT Datasheet(HTML) 1 Page - Cypress Semiconductor

  W255HT Datasheet HTML 1Page - Cypress Semiconductor W255HT Datasheet HTML 2Page - Cypress Semiconductor W255HT Datasheet HTML 3Page - Cypress Semiconductor W255HT Datasheet HTML 4Page - Cypress Semiconductor W255HT Datasheet HTML 5Page - Cypress Semiconductor W255HT Datasheet HTML 6Page - Cypress Semiconductor W255HT Datasheet HTML 7Page - Cypress Semiconductor W255HT Datasheet HTML 8Page - Cypress Semiconductor W255HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
200-MHz 24-Output Buffer for 4 DDR
or 3 SDRAM DIMMS
W255
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-07255 Rev. *D
Revised April 28, 2005
Features
• One input to 24-output buffer/driver
• Supports up to 4 DDR DIMMs or 3 SDRAM DIMMS
• One additional output for feedback
• SMBus interface for individual output control
• Low skew outputs (< 100 ps)
• Supports 266-, 333-, and 400-MHz DDR SDRAM
• Dedicated pin for power management support
• Space-saving 48-pin SSOP package
Functional Description
The W255 is a 3.3V/2.5V buffer designed to distribute
high-speed clocks in PC applications. The part has 24 outputs.
Designers can configure these outputs to support four unbuf-
fered DDR DIMMS or to support three unbuffered standard
SDRAM DIMMs and two DDR DIMMS. The W255 can be used
in conjunction with the W250 or similar clock synthesizer for
the VIA Pro 266 chipset.
The W255 also includes an SMBus interface which can enable
or disable each output clock. On power-up, all output clocks
are enabled (internal pull up).
Block Diagram
SMBus
BUF_IN
SDATA
SCLOCK
DDR0T_SDRAM10
DDR0C_SDRAM11
DDR1T_SDRAM0
DDR1C_SDRAM1
DDR2T_SDRAM2
DDR2C_SDRAM3
DDR3T_SDRAM4
DDR3C_SDRAM5
1
2
3
4
SEL_DDR*
VDD2.5
GND
DDR11T
DDR11C
DDR10T
DDR10C
VDD2.5
SSOP
Top View
Pin Configuration[1]
Decoding
8
5
6
7
12
9
10
11
13
14
15
16
20
17
18
19
24
21
22
23
48
47
46
45
41
44
43
42
37
40
39
38
36
35
34
33
29
32
31
30
25
28
27
26
GND
DDR9T
DDR9C
VDD2.5
PWR_DWN#*
GND
DDR8T
DDR8C
VDD2.5
GND
DDR7T
DDR7C
DDR6T
DDR6C
GND
SCLK
FBOUT
VDD3.3_2.5
GND
DDR0T_SDRAM10
DDR0C_SDRAM11
DRR1T_SDRAM0
DDR1C_SDRAM1
VDD3.3_2.5
DDR2T_SDRAM2
DDR2C_SDRAM3
VDD3.3_2.5
BUF_IN
GND
DDR3T_SDRAM4
DDR3C_SDRAM5
VDD3.3_2.5
GND
DDR4T_SDRAM6
DDR4C_SDRAM7
DDR5T_SDRAM8
DDR5C_SDRAM9
VDD3.3_2.5
SDATA
GND
DDR4T_SDRAM6
DDR4C_SDRAM7
DDR5T_SDRAM8
DDR5C_SDRAM9
DDR6T
DDR6C
DDR7T
DDR7C
DDR8T
DDR8C
PWR_DWN#
DDR9T
DDR9C
DDR10T
DDR10C
DDR11T
DDR11C
FBOUT
Power Down Control
SEL_DDR
Note:
1. Internal 100K pull-up resistors present on inputs marked
with *. Design should not rely solely on internal pull-up resistor
to set I/O pins HIGH.
1
2
3
4
SEL_DDR*
VDD2.5
GND
DDR11T
DDR11C
DDR10T
DDR10C
VDD2.5
SSOP
Top View
8
5
6
7
12
9
10
11
13
14
15
16
20
17
18
19
24
21
22
23
48
47
46
45
41
44
43
42
37
40
39
38
36
35
34
33
29
32
31
30
25
28
27
26
GND
DDR9T
DDR9C
VDD2.5
PWR_DWN#*
GND
DDR8T
DDR8C
VDD2.5
GND
DDR7T
DDR7C
DDR6T
DDR6C
GND
SCLK
FBOUT
VDD3.3_2.5
GND
DDR0T_SDRAM10
DDR0C_SDRAM11
DRR1T_SDRAM0
DDR1C_SDRAM1
VDD3.3_2.5
DDR2T_SDRAM2
DDR2C_SDRAM3
VDD3.3_2.5
BUF_IN
GND
DDR3T_SDRAM4
DDR3C_SDRAM5
VDD3.3_2.5
GND
DDR4T_SDRAM6
DDR4C_SDRAM7
DDR5T_SDRAM8
DDR5C_SDRAM9
VDD3.3_2.5
SDATA
GND


Similar Part No. - W255HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W255HT CYPRESS-W255HT Datasheet
129Kb / 10P
200-MPz 24-Output Buffer for 4DDR or 3 SDRAM DIMMS
logo
SpectraLinear Inc
W255HT SPECTRALINEAR-W255HT Datasheet
195Kb / 9P
200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Silicon Laboratories
W255HT SILABS-W255HT Datasheet
135Kb / 9P
200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
More results

Similar Description - W255HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W255H CYPRESS-W255H Datasheet
129Kb / 10P
200-MPz 24-Output Buffer for 4DDR or 3 SDRAM DIMMS
logo
PhaseLink Corporation
PLL103-02D PLL-PLL103-02D Datasheet
147Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
PLL103-03 PLL-PLL103-03 Datasheet
149Kb / 7P
DDR SDRAM Buffer with 4 DDR or 3 SDR/2 DDR DIMMS
PLL103-06 PLL-PLL103-06 Datasheet
145Kb / 7P
DDR SDRAM Buffer with 2 DDR or 3 SDRAM DIMMS
PLL103-53 PLL-PLL103-53 Datasheet
148Kb / 7P
DDR SDRAM Buffer with 5 DDR or 3 SDR/3 DDR DIMMS
logo
SpectraLinear Inc
CY28354-400 SPECTRALINEAR-CY28354-400 Datasheet
168Kb / 8P
210 MHz 24 Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
W255 SPECTRALINEAR-W255 Datasheet
195Kb / 9P
200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Cypress Semiconductor
CY28354-400 CYPRESS-CY28354-400 Datasheet
214Kb / 9P
210-MHz 24-Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
logo
Silicon Laboratories
CY28354-400 SILABS-CY28354-400 Datasheet
120Kb / 8P
210 MHz 24 Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
W255 SILABS-W255 Datasheet
135Kb / 9P
200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com