Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB312C3 Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # PEXUSB312C3
Description  2-port 10Gbps USB C PCIe Card - USB 3.1 Gen 2 Type-C PCI Express Host Controller Add-On Card - Expansion Card - USB 3.2 Gen 2x1 PCIe Adapter 15W/port - Windows, macOS, Linux
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB312C3 Datasheet(HTML) 3 Page - StarTech.com Ltd.

  PEXUSB312C3 Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB312C3 Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB312C3 Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB312C3 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UASP Support
Connector(s)
Connector Type(s)
Internal Ports
External Ports
PCI Express x4
SATA Power (15 pin)
USB Type-C (24 pin) USB 3.1 (10Gbps)
Software
OS Compatibility
Windows 7, 8, 8.1, 10
Windows Server 2008 R2, 2012, 2016, 2019
Linux 3.5 to 4.11.x <i>LTS version only</i>
macOS Catalina (10.15)
macOS Mojave (10.14)<br/>macOS High Sierra (10.13)
Special Notes /
Requirements
System and Cable
Requirements
System and Cable
Requirements
Note
Note
PCI Express enabled computer or server with a PCI Express x4 slot or
higher (x8, x16)
Optional SATA power connector
The card's USB-C ports are standard data throughput port. They do
not support DP Alt Mode or USB Power Delivery.
The maximum throughput of this card is limited by the bus interface.
PCI Express Gen 1.0 max throughput is 2.5Gbps. PCI Express Gen
2.0 max throughput is 5Gbps. PCI Express Gen 3.0 max throughput is
10Gbps.
Environmental
Operating Temperature
Storage Temperature
Humidity
0C to 70C (32F to 158F)
-20C to 85C (-4F to 185F)
20~80% RH
Physical
Characteristics
Product Length
Product Width
Product Height
Weight of Product
4.8 in [1.2 cm]
3.1 in [80.000 mm]
0.7 in [18.000 mm]
1.6 oz [45.000 g]
Packaging
Information
Package Length
Package Width
Package Height
Shipping (Package)
Weight
6.8 in [1.7 cm]
5.6 in [1.4 cm]
1.2 in [30 mm]
4.2 oz [120 g]
What's in the
Included in Package
USB 3.1 Card



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com