Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEXUSB312C3 Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # PEXUSB312C3
Description  2-port 10Gbps USB C PCIe Card - USB 3.1 Gen 2 Type-C PCI Express Host Controller Add-On Card - Expansion Card - USB 3.2 Gen 2x1 PCIe Adapter 15W/port - Windows, macOS, Linux
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEXUSB312C3 Datasheet(HTML) 2 Page - StarTech.com Ltd.

  PEXUSB312C3 Datasheet HTML 1Page - StarTech.com Ltd. PEXUSB312C3 Datasheet HTML 2Page - StarTech.com Ltd. PEXUSB312C3 Datasheet HTML 3Page - StarTech.com Ltd. PEXUSB312C3 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applications
• Expand the USB capabilities of your system with two USB-C ports, or install the card as a vital hardware component
when building a new PC
• Upgrade an older PCIe equipped desktop from USB 3.0/2.0 to USB 3.1 Gen 2 (10Gbps) with Type C
• Ideal for file backups, video editing, and data recovery, using high-bandwidth USB 3.1 Gen 2 external storage
solutions
Features
• HIGH PERFORMANCE: USB 3.1 Gen 2 or USB 3.2 Gen 2x1 PCIe Host Controller card supports Multiple INs,
maintains max bandwidth even when mixed speed devices are connected; 2x USB-C 10Gbps per port
• POWER: Expansion card w/ SATA power header supplies supplemental power to the USB Type-C ports (when
motherboard power is insufficient) providing up to 5V 3A (15W) via the USB-C ports
• MAX PERFORMANCE WITH USB STORAGE DEVICES: 2-port USB-C PCIe Card adapter supports USB Attached
SCSI Protocol (UASP) optimizing USB performance w/ external storage devices like SSDs, HDDs, NVMe drives
• COMPATIBILITY: Installs in full/low-profile PCIe 3.0 x4 desktop/server slot (lower performance w/ PCI-e 2.0);
Windows/Linux/macOS w/auto driver install (Windows 8 & above); Works w/USB 3.2/3.1/3.0/2.0
• THE STARTECH.COM ADVANTAGE: StarTech.com offers a 2-year warranty & free lifetime 24 hour technical
support on thisdual port USB-C PCI Express Add On Card w/ full & low profile bracket incl.
Hardware
Warranty
Ports
Interface
Bus Type
Card Type
Port Style
Industry Standards
Chipset ID
2 Years
2
USB 3.1 Gen 2
PCI Express
Standard Profile (LP bracket incl.)
Integrated on Card
USB 3.2 Specification Rev. 2.0
USB Specification Rev. 2.0
PCI Express Base Specification Rev. 3.0
Intel xHCI Specification Rev. 1.1
UASP (USB Attached SCSI Protocol) Rev. 1.0
ASMedia - ASM3142
Performance
Maximum Data Transfer
Rate
Type and Rate
10Gbps
USB 3.2 Gen 2 - 10 Gbit/s
Yes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com