Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LET9060S Datasheet(PDF) 2 Page - STMicroelectronics

Part # LET9060S
Description  RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET9060S Datasheet(HTML) 2 Page - STMicroelectronics

  LET9060S Datasheet HTML 1Page - STMicroelectronics LET9060S Datasheet HTML 2Page - STMicroelectronics LET9060S Datasheet HTML 3Page - STMicroelectronics LET9060S Datasheet HTML 4Page - STMicroelectronics LET9060S Datasheet HTML 5Page - STMicroelectronics LET9060S Datasheet HTML 6Page - STMicroelectronics LET9060S Datasheet HTML 7Page - STMicroelectronics LET9060S Datasheet HTML 8Page - STMicroelectronics LET9060S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LET9060S
2/10
ELECTRICAL SPECIFICATION (TCASE = 25 °C)
STATIC
DYNAMIC (
f = 945 MHz)
DYNAMIC (
f = 925 - 960 MHz)
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
VGS = 0 V
IDS = 1 mA
65
V
IDSS
VGS = 0 V
VDS = 26 V
1
µA
IGSS
VGS = 5 V
VDS = 0 V
1
µA
VGS(Q)
VDS = 26 V
ID = 100 mA
2.0
5.0
V
VDS(ON)
VGS = 10 V
ID = 3 A
0.7
0.8
V
GFS
VDS = 10 V
ID = 3 A
2.5
mho
CISS
VGS = 0 V
VDS = 26 V
f = 1 MHz
74
pF
COSS
VGS = 0 V
VDS = 26 V
f = 1 MHz
40
pF
CRSS
VGS = 0 V
VDS = 26 V
f = 1 MHz
2.8
pF
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
GP
VDD = 26 V IDQ = 250 mA
POUT = 60 W PEP
17
dB
ηD
VDD = 26 V IDQ = 250 mA
POUT = 60 W PEP
47
%
IMD3
VDD = 26 V IDQ = 250 mA
POUT = 60 W PEP
-28
dBc
P1dB
VDD = 26 V IDQ = 250 mA
70
W
GP
VDD = 26 V IDQ = 250 mA
POUT = 60 W
16.7
dB
ηD
VDD = 26 V IDQ = 250 mA
POUT = 60 W
61
%
Load
mismatch
VDD = 26 V
IDQ = 250 mA POUT = 60 W
ALL PHASE ANGLES
10:1
VSWR
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
P1dB
VDD = 26 V IDQ = 250 mA
65
W
GP
VDD = 26 V IDQ = 250 mA
POUT = 60 W
16
dB
ηD
VDD = 26 V IDQ = 250 mA
POUT = 60 W
56
%
Ref. 7143417B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com