Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LET9060S Datasheet(PDF) 3 Page - STMicroelectronics

Part # LET9060S
Description  RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET9060S Datasheet(HTML) 3 Page - STMicroelectronics

  LET9060S Datasheet HTML 1Page - STMicroelectronics LET9060S Datasheet HTML 2Page - STMicroelectronics LET9060S Datasheet HTML 3Page - STMicroelectronics LET9060S Datasheet HTML 4Page - STMicroelectronics LET9060S Datasheet HTML 5Page - STMicroelectronics LET9060S Datasheet HTML 6Page - STMicroelectronics LET9060S Datasheet HTML 7Page - STMicroelectronics LET9060S Datasheet HTML 8Page - STMicroelectronics LET9060S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
LET9060S
FREQ. MHz
ZIN (Ω)ZDL(Ω)
860
0.65 - j 0.05
2.0 + j 0.1
880
0.75 - j 0.6
2.0 + j 0.1
900
0.9 - j 1.4
1.4 + j 0.2
920
0.4 - j 1.3
1.4 + j 0.5
940
0.4 - j 0.8
1.2 + j 0.3
960
0.5 - j 1.6
1.8 + j 1.0
IMPEDANCE DATA
Typical Input
Impedance
Typical Drain
Load Impedance
G
D
S
ZDL
Zin
ESD PROTECTION CHARACTERISTICS
MOISTURE SENSITIVITY LEVEL
Test Conditions
Class
Human Body Model
2
Machine Model
M3
Test Methodology
Rating
J-STD-020B
MSL 3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com