Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6624 Datasheet(PDF) 90 Page - STMicroelectronics

Part # VL6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button VL6624 Datasheet HTML 86Page - STMicroelectronics VL6624 Datasheet HTML 87Page - STMicroelectronics VL6624 Datasheet HTML 88Page - STMicroelectronics VL6624 Datasheet HTML 89Page - STMicroelectronics VL6624 Datasheet HTML 90Page - STMicroelectronics VL6624 Datasheet HTML 91Page - STMicroelectronics VL6624 Datasheet HTML 92Page - STMicroelectronics VL6624 Datasheet HTML 93Page - STMicroelectronics VL6624 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 106 page
background image
Electrical characteristics
VL6624/VS6624
90/106
13.4
External clock
The VL6624/VS6624 requires an external clock. This clock is a CMOS digital input. The
clock input is fail-safe in power down mode.
13.5
Chip enable
CE is a CMOS digital input. The module is powered down when a logic 0 is applied to CE.
See
Power up sequence for further information.
Table 47.
Typical current consumption - Sensor mode SXGA 15 fps
Symbol
Description
Test conditions
IAVDD
IVDD
Units
VDD = 2.8V VDD = 1.8V VDD = 2.8V
IPD
supply current in power
down mode
CE=0, CLK = 12 MHz
1.4
0.05
0.07
μA
Istanby
supply current in Standby
mode
CE=1, CLK = 12 MHz
0.0014
1.3
8
mA
IStop
supply current in Stop
mode
CE=1, CLK = 12 MHz
0.0014
4.1
4
mA
IPause
supply current in Pause
mode
CE=1, CLK = 12 MHz
0.0195
63.4
64.7
mA
Irun
supply current in active
streaming run mode
CE=1, CLK = 12 MHz
streaming VGA @30 fps
11.5
84.5
87
mA
Table 48.
External clock
CLK
Range
Unit
Min.
Typ.
Max.
DC coupled square wave
VDD
V
Clock frequency (normal operation)
6.50
6.50, 8.40, 9.60, 9.72, 12.00, 13.00,
16.80, 19.20, 19.44
54
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com