Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6624 Datasheet(PDF) 94 Page - STMicroelectronics

Part # VL6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button VL6624 Datasheet HTML 90Page - STMicroelectronics VL6624 Datasheet HTML 91Page - STMicroelectronics VL6624 Datasheet HTML 92Page - STMicroelectronics VL6624 Datasheet HTML 93Page - STMicroelectronics VL6624 Datasheet HTML 94Page - STMicroelectronics VL6624 Datasheet HTML 95Page - STMicroelectronics VL6624 Datasheet HTML 96Page - STMicroelectronics VL6624 Datasheet HTML 97Page - STMicroelectronics VL6624 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 106 page
background image
Electrical characteristics
VL6624/VS6624
94/106
13.7
Parallel data interface timing
VL6624/VS6624 contains a parallel data output port (D[7:0]) and associated qualification
signals (HSYNC, VSYNC, PCLK and FSO).
This port can be enabled and disabled (tri-stated) to facilitate multiple camera systems or
bit-serial output configurations. The port is disabled (high impedance) upon reset.
Figure 36. Parallel data output video timing
Table 51.
Parallel data interface timings
Symbol
Description
Min.
Max.
Unit
fPCLK
PCLK frequency
54
MHz
tPCLKL
PCLK low width
[1/2*(1/fPCLK)] - 3.9
[1/2*(1/fPCLK)] + 3.9
ns
tPCLKH
PCLK high width
[1/2*(1/fPCLK)] - 3.9
[1/2*(1/fPCLK)] + 3.9
ns
tDV
PCLK to output valid
-5.15
1.62
ns
tPCLKL
tPCLKH
1/fPCLK
PCLK
D[0:7]
HSYNC,
polarity = 0
tDV
Valid
VSYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com