Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6624 Datasheet(PDF) 102 Page - STMicroelectronics

Part # VL6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button VL6624 Datasheet HTML 98Page - STMicroelectronics VL6624 Datasheet HTML 99Page - STMicroelectronics VL6624 Datasheet HTML 100Page - STMicroelectronics VL6624 Datasheet HTML 101Page - STMicroelectronics VL6624 Datasheet HTML 102Page - STMicroelectronics VL6624 Datasheet HTML 103Page - STMicroelectronics VL6624 Datasheet HTML 104Page - STMicroelectronics VL6624 Datasheet HTML 105Page - STMicroelectronics VL6624 Datasheet HTML 106Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 102 / 106 page
background image
Package mechanical data
VL6624/VS6624
102/106
PHI
4°5°6°
z1.65
L
0.7
0.8
0.9
bbb
0.01
ccc
0.1
ddd
0.08
eee
0.08
nD
9
nE
9
n36
Table 52.
LGA package mechanical data (continued)
Data book (mm)
Symbol
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com