Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6624P0LP Datasheet(PDF) 60 Page - STMicroelectronics

Part # VS6624P0LP
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP Datasheet(HTML) 60 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 56Page - STMicroelectronics VS6624P0LP Datasheet HTML 57Page - STMicroelectronics VS6624P0LP Datasheet HTML 58Page - STMicroelectronics VS6624P0LP Datasheet HTML 59Page - STMicroelectronics VS6624P0LP Datasheet HTML 60Page - STMicroelectronics VS6624P0LP Datasheet HTML 61Page - STMicroelectronics VS6624P0LP Datasheet HTML 62Page - STMicroelectronics VS6624P0LP Datasheet HTML 63Page - STMicroelectronics VS6624P0LP Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 106 page
background image
Register map
VL6624/VS6624
60/106
Power management
Video timing parameter host inputs
Video timing control
Table 17.
Power management
Index
PowerManagement(1)
0x0580
bTimeToPowerdown
Default value
0x0f
Purpose
Time (mSecs) from entering Pause mode until the system automatically
transitions stop mode. 0xff disables the automatic transition.
Type
BYTE
1.
Must be configured in STOP mode
Table 18.
Video timing parameter host inputs
Index
VideoTimingParameterHostInputs(1)
0x0605 (MSByte)
0x0606 (LSByte)
uwExternalClockFrequencyMhzNumerator
Default value
0x0c
Purpose
specifies the External Clock Frequency... external clock frequency =
uwExternalClockFrequencyMhzNumerator/bExternalClockFrequencyMh
zDenominator
Type
UINT16
0x0608
bExternalClockFrequencyMhzDenominator
Default value
0x01
Type
BYTE
1.
Should be configured in the RAW state
Table 19.
Video timing control
Index
VideoTimingControl(1)
0x0880
bSysClkMode
Default value
0x00
Purpose
Decides system centre clock frequency
Type
CODED
Possible values
<0>12MHz Mode
<1>13MHz Mode
<2>13.5MHz Mode
<3>Slave Mode
1.
Should be configured in the RAW state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com