Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6624P0LP Datasheet(PDF) 48 Page - STMicroelectronics

Part # VS6624P0LP
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP Datasheet(HTML) 48 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 44Page - STMicroelectronics VS6624P0LP Datasheet HTML 45Page - STMicroelectronics VS6624P0LP Datasheet HTML 46Page - STMicroelectronics VS6624P0LP Datasheet HTML 47Page - STMicroelectronics VS6624P0LP Datasheet HTML 48Page - STMicroelectronics VS6624P0LP Datasheet HTML 49Page - STMicroelectronics VS6624P0LP Datasheet HTML 50Page - STMicroelectronics VS6624P0LP Datasheet HTML 51Page - STMicroelectronics VS6624P0LP Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 106 page
background image
Register map
VL6624/VS6624
48/106
User interface map
Device parameters [read only]
Host interface manager control
Table 8.
Device parameters [read only]
Index
DeviceParameters [read only](1)
0x0001 (MSByte)
0x0002 (LSByte)
uwDeviceId
Purpose
device id e.g. 624
Type
UINT
0x0004
bFirmwareVsnMajor
Type
BYTE
0x0006
bFirmwareVsnMinor
Type
BYTE
0x0008
bPatchVsnMajor
Type
BYTE
0x000a
bPatchVsnMinor
Type
BYTE
1.
Can be accessed in all stable state.
Table 9.
Host interface manager control
Index
HostInterfaceManagerControl(1)
0x0180
bUserCommand
Default value
<0> UNINITIALISED
Purpose
User level control of operating states
Type
CODED
Possible values
<0> UNINITIALISED - powerup default
<1> BOOT - the boot command will identify the sensor & setup low level
handlers
<2> RUN - stream video
<3> PAUSE- stop video streaming
<4> STOP - low power mode, analogue powered down
<3> SNAPSHOT- grab one frame at correct exposure without flashgun
<6> FLASHGUN - grab one frame at correct exposure for flashgun
1.
Can be controlled in all stable states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com