Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6624P0LP Datasheet(PDF) 101 Page - STMicroelectronics

Part # VS6624P0LP
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP Datasheet(HTML) 101 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 97Page - STMicroelectronics VS6624P0LP Datasheet HTML 98Page - STMicroelectronics VS6624P0LP Datasheet HTML 99Page - STMicroelectronics VS6624P0LP Datasheet HTML 100Page - STMicroelectronics VS6624P0LP Datasheet HTML 101Page - STMicroelectronics VS6624P0LP Datasheet HTML 102Page - STMicroelectronics VS6624P0LP Datasheet HTML 103Page - STMicroelectronics VS6624P0LP Datasheet HTML 104Page - STMicroelectronics VS6624P0LP Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 106 page
background image
VL6624/VS6624
Package mechanical data
101/106
15.2
LGA
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 52.
LGA package mechanical data
Data book (mm)
Symbol
Min.
Typ.
Max.
A
1.80
1.90
2.00
A4
0.35
0.4
0.45
A5
0.7
0.8
0.9
B1
2.0
B2
3.5
B3
0.55
b
0.25
0.30
0.35
D
9.90
10.00
10.10
D1
9.60
9.70
9.80
D2
5
D4
5.4
e0.8
E
9.90
10.00
10.10
E1
9.60
9.70
9.80
E2
5
E4
4.5
G
1.0
1.1
1.2
G1
1
G2
0.3
0.4
0.5
G3
0.8
0.9
1.0
G4
0.8
H
0.8
0.9
1.0
H1
0.8
H2
0.3
0.4
0.5
I
3.95
4.05
4.15
J4.1
K0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com