Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LET9085 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LET9085
Description  RF POWER TRANSISTORS Ldmos Enhanced Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET9085 Datasheet(HTML) 2 Page - STMicroelectronics

  LET9085 Datasheet HTML 1Page - STMicroelectronics LET9085 Datasheet HTML 2Page - STMicroelectronics LET9085 Datasheet HTML 3Page - STMicroelectronics LET9085 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LET9085
2/4
ELECTRICAL SPECIFICATION (TCASE = 25
°C)
STATIC (Per Section)
DYNAMIC (
f = 865 - 895 MHz)
DYNAMIC (
f = 920 - 960 MHz)
ESD PROTECTION CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
VGS = 0 V
ID = 10 µA
65
V
IDSS
VGS = 0 V
VDS = 26 V
1
µA
IDSS
VGS = 0 V
VDS = 65 V
10
µA
IGSS
VGS = 5 V
VDS = 0 V
1
µA
VGS(Q)
VDS = 26 V
ID = TBD
TBD
V
VDS(ON)
VGS = 10 V
ID = 2 A
0.19
0.4
V
GFS
VDS = 10 V
ID = 6 A
8
mho
CISS*VGS = 0 V
VDS = 28 V
f = 1 MHz
TBD
pF
COSS
VGS = 0 V
VDS = 28 V
f = 1 MHz
75
pF
CRSS
VGS = 0 V
VDS = 28 V
f = 1 MHz
2.9
pF
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
P1dB
VDD = 26 V
IDQ = TBD
90
105
W
ηD
VDD = 26 V
IDQ = TBD
POUT = 90 W
50
55
%
GP
VDD = 26 V
IDQ = TBD
POUT = 90 W PEP
17
dB
IMD3
VDD = 26 V
IDQ = TBD
POUT = 90 W PEP
-31
-28
dBc
Load
mismatch
VDD = 26 V
IDQ = TBD
POUT = 90 W
ALL PHASE ANGLES
10:1
VSWR
POUT (CDMA)
(1)
750 KHz ACPR: -45dBc
1.98 MHz ACPR: -60dBc
20
W
ηD (CDMA)(1)
750 KHz ACPR: -45dBc
1.98 MHz ACPR: -60dBc
28
%
P1dB
VDD = 26 V
IDQ = TBD
70
75
W
GP
VDD = 26 V
IDQ = TBD
POUT = 70 W
15
16
dB
ηD
VDD = 26 V
IDQ = TBD
POUT = 70 W
50
55
%
Load
mismatch
VDD = 26 V
IDQ = TBD
POUT = 85 W
ALL PHASE ANGLES
10:1
VSWR
POUT(EDGE)
400 KHz < -60 dBc
600 KHz < -70 dBc
EVM < 3 %
35
W
ηD(EDGE)
400 KHz < -60 dBc
600 KHz < -70 dBc
EVM < 3 %
35
%
Test Conditions
Class
Human Body Model
2
Machine Model
M3
* Includes Internal Input Moscap.
(1) IS-95 CDMA
Pilot, Sync, Paging, Traffic, Codes 8 Thru 13



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com