Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LET9085 Datasheet (PDF) - STMicroelectronics

LET9085 Datasheet PDF - STMicroelectronics
Part # LET9085
Download  LET9085 Download
File Size   35.13 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF POWER TRANSISTORS Ldmos Enhanced Technology

LET9085 Datasheet (PDF)

Go To PDF Page Download Datasheet
LET9085 Datasheet PDF - STMicroelectronics

Part # LET9085
Download  LET9085 Click to download

File Size   35.13 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF POWER TRANSISTORS Ldmos Enhanced Technology

LET9085 Datasheet (HTML) - STMicroelectronics


LET9085 Product details

DESCRIPTION
The LET9085 is a common source N-Channel enhancement-mode lateral Field-Effect RF power transistor designed for broadband commercial and industrial applications at frequencies up to 1.0 GHz. The LET9085 is designed for high gain and broadband performance operating in common source mode at 26 V. Its internal matching makes it ideal for base station applications requiring high linearity.

N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETs

• IS-95 CDMA PERFORMANCES
    POUT = 20 W
    EFF. = 28 %
• EDGE PERFORMANCES
    POUT = 35 W
    EFF. = 35 %
• GSM PERFORMANCES
    POUT = 75 W
    EFF. = 55 %
• EXCELLENT THERMAL STABILITY
• BeO FREE PACKAGE
• INTERNAL INPUT MATCHING
• ESD PROTECTION




Similar Part No. - LET9085

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LET9002 STMICROELECTRONICS-LET9002 Datasheet
40Kb / 4P
RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
15-Apr-2003
LET9006 STMICROELECTRONICS-LET9006 Datasheet
40Kb / 4P
RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
15-Apr-2003
LET9045 STMICROELECTRONICS-LET9045 Datasheet
217Kb / 12P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
April 2009 Rev 1
LET9045C STMICROELECTRONICS-LET9045C Datasheet
206Kb / 10P
RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
15-Apr-2011
LET9045F STMICROELECTRONICS-LET9045F Datasheet
202Kb / 10P
RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
April 2011 Rev 3
More results


Similar Description - LET9085

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LET19060C STMICROELECTRONICS-LET19060C Datasheet
34Kb / 4P
RF POWER TRANSISTORS Ldmos Enhanced Technology
24-Jan-2003
LET20030C STMICROELECTRONICS-LET20030C Datasheet
37Kb / 5P
RF POWER TRANSISTORS Ldmos Enhanced Technology
24-Jan-2003
LET20030S STMICROELECTRONICS-LET20030S Datasheet
43Kb / 4P
RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
27-Feb-2003
LET21008 STMICROELECTRONICS-LET21008 Datasheet
40Kb / 4P
RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
15-Apr-2003
LET21030C STMICROELECTRONICS-LET21030C Datasheet
62Kb / 4P
RF POWER TRANSISTORS Ldmos Enhanced Technology
24-Jan-2003
LET8180 STMICROELECTRONICS-LET8180 Datasheet
33Kb / 4P
RF POWER TRANSISTORS Ldmos Enhanced Technology
28-Jan-2003
LET9006 STMICROELECTRONICS-LET9006 Datasheet
40Kb / 4P
RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
15-Apr-2003
LET9045S STMICROELECTRONICS-LET9045S Datasheet
292Kb / 9P
RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
27-Feb-2003
LET9060C STMICROELECTRONICS-LET9060C Datasheet
36Kb / 5P
RF POWER TRANSISTORS Ldmos Enhanced Technology
04-Nov-2002
LET9130 STMICROELECTRONICS-LET9130 Datasheet
57Kb / 6P
RF POWER TRANSISTORS Ldmos Enhanced Technology
06-Feb-2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com