Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LET9130 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LET9130
Description  RF POWER TRANSISTORS Ldmos Enhanced Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET9130 Datasheet(HTML) 3 Page - STMicroelectronics

  LET9130 Datasheet HTML 1Page - STMicroelectronics LET9130 Datasheet HTML 2Page - STMicroelectronics LET9130 Datasheet HTML 3Page - STMicroelectronics LET9130 Datasheet HTML 4Page - STMicroelectronics LET9130 Datasheet HTML 5Page - STMicroelectronics LET9130 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
LET9130
Power Gain Vs Output Power
12
13
14
15
16
17
18
0
50
100
150
200
Pout (W)
Idq = 600 mA
Vdd = 28 V
f = 940 MHz
Idq = 800 mA
Idq = 1 A
TYPICAL PERFORMANCE
Efficiency Vs Output Power
0
10
20
30
40
50
60
0
50
100
150
200
Pout (W)
Vdd = 28 V
f = 940 MHz
Idq = 1 A
Input Return Loss Vs Output Power
-35
-30
-25
-20
-15
-10
0
50
100
150
200
Pout (W)
Vdd = 28 V
f = 940 MHz
Idq = 1 A
Power Gain Vs Output Power
12
13
14
15
16
17
18
0
50
100
150
200
Pout (W)
f = 940 MHz
Idq = 1 A
Vdd=28V
Tc = 50 °C
Tc = 85 °C
Tc = 25 °C
Power Gain Vs Output Power
12
13
14
15
16
17
18
0
50
100
150
200
Pout (W)
f = 940 MHz
Idq = 1 A
Vdd = 24 V
Vdd = 26 V
Vdd = 30 V
Vdd = 28 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com