Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LET9130 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LET9130
Description  RF POWER TRANSISTORS Ldmos Enhanced Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET9130 Datasheet(HTML) 1 Page - STMicroelectronics

  LET9130 Datasheet HTML 1Page - STMicroelectronics LET9130 Datasheet HTML 2Page - STMicroelectronics LET9130 Datasheet HTML 3Page - STMicroelectronics LET9130 Datasheet HTML 4Page - STMicroelectronics LET9130 Datasheet HTML 5Page - STMicroelectronics LET9130 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
PRELIMINARY DATA
February, 6 2003
LET9130
RF POWER TRANSISTORS
Ldmos Enhanced Technology
N-CHANNEL ENHANCEMENT-MODE LATERAL
MOSFETs
• IS-95 CDMA: 865-895 MHz / 28 V
POUT = 25 W
EFF. = 29 %
• EDGE: 920-960 MHz / 28 V
POUT = 45 W
EFF. = 38 %
• GSM: 920-960 MHz / 28 V
POUT = 135 W
EFF. = 51 %
• EXCELLENT THERMAL STABILITY
• BeO FREE PACKAGE
• INTERNAL INPUT MATCHING
• ESD PROTECTION
DESCRIPTION
The LET9130 is a common
source N-Channel
enhancement-mode lateral Field-Effect RF power
transistor designed for broadband commercial and
industrial applications at frequencies up to 1.0
GHz. The LET9130 is designed for high gain and
broadband performance operating in common
source mode at 28 V. Its internal matching makes
it ideal for base station applications requiring high
linearity.
PIN CONNECTION
1. Drain
2. Source
3. Gate
1
2
3
M265
epoxy sealed
ORDER CODE
LET9130
BRANDING
LET9130
ABSOLUTE MAXIMUM RATINGS (TCASE = 25
°C)
Symbol
Parameter
Value
Unit
V(BR)DSS
Drain-Source Voltage
65
V
VGS
Gate-Source Voltage
-0.5 to +15
V
ID
Drain Current
15
A
PDISS
Power Dissipation (@ Tc = 70 °C)
217
W
Tj
Max. Operating Junction Temperature
200
°C
TSTG
Storage Temperature
-65 to +200
°C
THERMAL DATA
Rth(j-c)
Junction -Case Thermal Resistance
0.6
°C/W


Similar Part No. - LET9130

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LET9120 STMICROELECTRONICS-LET9120 Datasheet
208Kb / 11P
RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
22-Oct-2010
LET9150 STMICROELECTRONICS-LET9150 Datasheet
325Kb / 12P
RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
22-Dec-2010
LET9180 STMICROELECTRONICS-LET9180 Datasheet
314Kb / 10P
Excellent thermal stability
29-May-2013
More results

Similar Description - LET9130

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LET19060C STMICROELECTRONICS-LET19060C Datasheet
34Kb / 4P
RF POWER TRANSISTORS Ldmos Enhanced Technology
24-Jan-2003
LET20030C STMICROELECTRONICS-LET20030C Datasheet
37Kb / 5P
RF POWER TRANSISTORS Ldmos Enhanced Technology
24-Jan-2003
LET20030S STMICROELECTRONICS-LET20030S Datasheet
43Kb / 4P
RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
27-Feb-2003
LET21008 STMICROELECTRONICS-LET21008 Datasheet
40Kb / 4P
RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
15-Apr-2003
LET21030C STMICROELECTRONICS-LET21030C Datasheet
62Kb / 4P
RF POWER TRANSISTORS Ldmos Enhanced Technology
24-Jan-2003
LET8180 STMICROELECTRONICS-LET8180 Datasheet
33Kb / 4P
RF POWER TRANSISTORS Ldmos Enhanced Technology
28-Jan-2003
LET9006 STMICROELECTRONICS-LET9006 Datasheet
40Kb / 4P
RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
15-Apr-2003
LET9045S STMICROELECTRONICS-LET9045S Datasheet
292Kb / 9P
RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
27-Feb-2003
LET9060C STMICROELECTRONICS-LET9060C Datasheet
36Kb / 5P
RF POWER TRANSISTORS Ldmos Enhanced Technology
04-Nov-2002
LET9085 STMICROELECTRONICS-LET9085 Datasheet
35Kb / 4P
RF POWER TRANSISTORS Ldmos Enhanced Technology
28-Jan-2003
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com