Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-CAP-1/8-0. Datasheet(PDF) 1 Page - Tyco Electronics

Part # PD-CAP-1/8-0.
Description  Semirigid, encapsulant-lined heat-shrinkable end caps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PD-CAP-1/8-0. Datasheet(HTML) 1 Page - Tyco Electronics

  PD-CAP-1/8-0. Datasheet HTML 1Page - Tyco Electronics PD-CAP-1/8-0. Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PD Caps
Semirigid, encapsulant-lined
heat-shrinkable end caps
Heat-shrinkable, dual wall PD Caps
inexpensively encapsulate crimped
electrical connections, including
those on motor coils. They remain
tightly in place for the life of the
motor. PD Caps are manufactured
from radiation-crosslinked polyolefin.
With brief heating, the outer jacket
of the PD Cap shrinks while the inner
wall flows into voids in the crimp,
creating an encapsulated and
electrically insulated connection.
PD Caps are not intended for use
where immersion in fluids is required.
An operator can insulate connections
at approximately twice the speed of
conventional methods, which require
tape-wrapping, or slip-on tubing.
PD Caps can be installed in seconds
using standard hot-air or infrared
heating tools. No special operator
training is required.
Temperature rating
Full recovery temperature:
135°C
Continuous operating temperature:
–55°C to 110°C
Specifications*
Type
Raychem
UL
CSA
PD Caps
PD Caps SCD
E85381
LR31929
*When ordering, always specify latest issue.
Dimensions (millimeters/inches)
PD Cap as supplied
PD Cap after unrestricted recovery
Size
A nom.
B min.
C min.
D max.
W total**
PD Cap 1/8
22.0
0.87
12.7
0.50
3.2
0.125
0.58
0.023
1.22 ± 0.15
0.048 ± 0.006
PD Cap 3/16
25.4
1.00
15.2
0.60
4.7
0.187
1.52
0.060
1.57 ± 0.20
0.062 ± 0.008
PD Cap 1/4
28.4
1.12
15.2
0.60
6.4
0.250
2.03
0.080
1.98 ± 0.20
0.078 ± 0.008
PD Cap 3/8
31.8
1.25
18.3
0.72
9.5
0.375
2.29
0.090
2.08 ± 0.25
0.082 ± 0.010
PD Cap 1/2
38.1
1.50
21.6
0.85
12.7
0.500
2.29
0.090
2.54 ± 0.25
0.100 ± 0.010
**Wall thickness will be less if recovery is restricted during shrinkage.
Ordering information
Color
Black
Size selection
Always order the largest size that will shrink snugly over the component being covered.
Standard packaging
In pieces
Ordering description
Specify product name, size, and color; for example, PD Cap 1/4-0 (0=Black).
®
Outer Jacket
Heat-shrinkable, semirigid polyolefin
Inner Wall
Meltable polyolefin
W
D
C
A
B


Similar Part No. - PD-CAP-1/8-0.

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PD-CN-01 POWERDYNAMICS-PD-CN-01 Datasheet
295Kb / 1P
LUMINAIRE DISCONNECTOR 2X2 TYPE
PD-CN-011 POWERDYNAMICS-PD-CN-011 Datasheet
259Kb / 1P
LUMINAIRE DISCONNECTOR 2X2 TYPE
PD-CN-012 POWERDYNAMICS-PD-CN-012 Datasheet
331Kb / 1P
LUMINAIRE DISCONNECTOR 2X2 TYPE
PD-CN-02 POWERDYNAMICS-PD-CN-02 Datasheet
332Kb / 1P
LUMINAIRE DISCONNECTOR 2X4 TYPE
More results

Similar Description - PD-CAP-1/8-0.

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CGAT MACOM-CGAT Datasheet
48Kb / 2P
Adhesive lined polyolefin heat-shrinkable tubing
logo
Qualtek Electronics Cor...
QSEC QUALTEK-QSEC Datasheet
590Kb / 1P
END CAPS
logo
Tyco Electronics
0070832002 MACOM-0070832002 Datasheet
31Kb / 2P
Semirigid, encapsulant-lined, heat-shrinkable tubing
010083-000 MACOM-010083-000 Datasheet
1Mb / 42P
Semirigid Encapsulant-Lined, Polyolefin Tubing
0081930001 MACOM-0081930001 Datasheet
171Kb / 2P
ES CAPS POLYOLEFI, DUAL-WALL SEMI-RIGID, HEAT - SHRINKABLE
063725P011 MACOM-063725P011 Datasheet
37Kb / 3P
Flame-retardant, adhesive-lined heat-shrinkable tubing (extended temperature range)
logo
Qualtek Electronics Cor...
QSEC QUALTEK-QSEC_13 Datasheet
763Kb / 1P
END CAPS
logo
Alpha Wire
FIT350 ALPHAWIRE-FIT350 Datasheet
25Kb / 3P
Heat Shrinkable Tubing
logo
TE Connectivity Ltd
DR-25 TEC-DR-25 Datasheet
107Kb / 2P
Heat-Shrinkable Tubing
logo
Tyco Electronics
DWP-125 MACOM-DWP-125 Datasheet
74Kb / 2P
Flexible, flame-retardant, adhesive-lined, polyolefin heat-shrinkable tubing
2005
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com