Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-CAP-1/8-0. Datasheet(PDF) 2 Page - Tyco Electronics

Part # PD-CAP-1/8-0.
Description  Semirigid, encapsulant-lined heat-shrinkable end caps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PD-CAP-1/8-0. Datasheet(HTML) 2 Page - Tyco Electronics

  PD-CAP-1/8-0. Datasheet HTML 1Page - Tyco Electronics PD-CAP-1/8-0. Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tyco Electronics Corporation
300 Constitution Drive
Faraday Road
3816 Noborito, Tama-ku
Asia Pacific Headquarters
Menlo Park, CA 94025-1164
Dorcan, Swindon, SN3 5HH
Kawasaki, Kanagawa 214-8533
26 Ang Mo Kio, Industrial Park 2
USA
United Kingdom
Japan
Singapore 569507
Tel: (800) 926-2425 (US & Canada)
Tel: +44 1793 528171
Tel: +81 44 900 5102
Tel: +65 4866 151
Tel: +1 (650) 361-3860 (All other countries)
Users should independently evaluate the suitability of the product for their application.
For more information about this product visit www.tycoelectronics.com
All information, including illustrations, is believed to be reliable. Users, however, should independently evaluate the suitability of each product for their application. Tyco Electronics Corporation makes
no warranties as to the accuracy or completeness of the information, and disclaims any liability regarding its use. Tyco Electronics Corporation’s only obligations are those in the Standard Terms and
Conditions of Sale for these products and in no case will Tyco Electronics Corporation be liable for any incidental, indirect, or consequential damages arising from the sale, resale, use, or misuse of the
product. Tyco Electronics Corporation’s Specifications are subject to change without notice. In addition, Tyco Electronics Corporation reserves the right to make changes in materials or processing
without notification to the Buyer which do not affect compliance with any applicable specification.
Specification values
Property
Unit
Requirement
Method of test
Physical
Dimensions
mm (inches)
See reverse
ASTM D 2671
Longitudinal change
percent
+0, –10 maximum
ASTM D 2671
Flow of inner wall
No openings upon reheating
AMS-DTL-23053/4
Tensile strength
psi (MPa)
1500 (10.3) minimum
ASTM D 2671
Ultimate elongation
percent
200 minimum
ASTM D 2671
Low-temperature brittleness
No failure
ASTM D 746
at –55°C/–67°F
Procedure B
Heat shock
No dripping, flowing, or
AMS-DTL-23053
(4 hours at 250°C/482°F)
cracking of the outer wall
Heat resistance
No dripping, flowing, or
AMS-DTL-23053
(168 hours at 175°C/347°F)
cracking of the outer wall
Electrical
Dielectric strength
volts/mil
500 minimum
ASTM D 2671
Volume resistivity
ohm-cm
1015 minimum
ASTM D 257
Chemical
Corrosive effect
Noncorrosive
ASTM D 2671
(16 hours at 121°C/250°F)
Procedure A
Fungus resistance
Rating of 1 or less
ASTM G 21
Water absorption
percent
0.1 maximum
ASTM D 570
(24 hours at 23°C/73°F)
Fluid resistance
ASTM D 2671
(24 hours at 23°C/73°F) in:
JP-8 Fuel (MIL-T-5624)
Skydrol* 500
Hydraulic fluid (MIL-H-5606)
Aviation gasoline 100/130
Water
Followed by tests for:
Dielectric strength
volts/mil
400 minimum
ASTM D 2671
Tensile strength
psi
1000 minimum
ASTM D 2671
Note: These requirements apply to PD Cap material only. These tests, except dimensions and longitudinal change, cannot be performed on material in PD Cap configuration.
*Trademark of the Monsanto Company.
Raychem is a trademark of Tyco Electronics Corporation.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com