Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR10150CTF Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MBR10150CTF
Description  Schotty Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBR10150CTF Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBR10150CTF Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBR10150CTF Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schotty Barrier Diode
MBR10150CTF
www.iscsemi.com
1
FEATURES
· Low Forward Voltage Drop, Low Power losses
· High Efficiency Operation
· Lead Free Finish, RoHS Compliant
APPLICATIONS
· Switching Power Supply (SPS)
· Freewheeling Diode
· DC/DC Converter
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
150
V
IF(AV)
Average Rectified Forward Current
5×2
A
IFSM
Non-repetitive Peak Surge Current
(8.3ms Single Sine-Wave
Superimposed on Rated Load per
Diode)
180
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-50~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
4.0
℃
/W
12
3


Similar Part No. - MBR10150CTF

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
MBR10150CTF SKTECHNOLGY-MBR10150CTF Datasheet
371Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
logo
BCD Semiconductor Manuf...
MBR10150CTF-E1 BCDSEMI-MBR10150CTF-E1 Datasheet
437Kb / 9P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR10150CTF-E1 DIODES-MBR10150CTF-E1 Datasheet
329Kb / 7P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Rev 4
logo
BCD Semiconductor Manuf...
MBR10150CTF-G1 BCDSEMI-MBR10150CTF-G1 Datasheet
437Kb / 9P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBR10150CTF-G1 DIODES-MBR10150CTF-G1 Datasheet
329Kb / 7P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Rev 4
More results

Similar Description - MBR10150CTF

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2290 MICREL-MIC2290 Datasheet
98Kb / 12P
2mm 횞 2mm PWM Boost Regulator with Internal Schotty Diode
logo
Nihon Inter Electronics...
FSH10A04 NIEC-FSH10A04 Datasheet
57Kb / 6P
Schotty Barrier Diode
logo
Leshan Radio Company
LRB500V-40T1 LRC-LRB500V-40T1 Datasheet
54Kb / 3P
Surface Mount Schotty Diode
LRB501V-40T1 LRC-LRB501V-40T1 Datasheet
53Kb / 3P
Surface Mount Schotty Diode
logo
Micrel Semiconductor
MIC2290 MICREL-MIC2290_07 Datasheet
425Kb / 13P
2mm 횞 2mm PWM Boost Regulator with Internal Schotty Diode
logo
Fairchild Semiconductor
MBR20200CT FAIRCHILD-MBR20200CT Datasheet
100Kb / 4P
Dual High Voltage Schotty Rectifier
logo
Daya Electric Group Co....
SS12 DAYA-SS12 Datasheet
166Kb / 2P
1.0 AMP. Surface Mount Schotty Barrier Rectifiers
logo
Micro Commercial Compon...
SK34AL-TPS02 MCC-SK34AL-TPS02 Datasheet
196Kb / 3P
3 Amp Schotty Barrier Rectifier Low Vf Type 40 Volts
logo
First Silicon Co., Ltd
FDR501U FS-FDR501U Datasheet
172Kb / 3P
Surface Mount Schotty Diode
logo
SHIKUES Electronics
LL103A SKTECHNOLGY-LL103A Datasheet
819Kb / 4P
Small Signal Schotty Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com