Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7-EPB Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST7-EPB
Description  Programming board
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7-EPB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST7-EPB Datasheet HTML 3Page - STMicroelectronics ST7-EPB Datasheet HTML 4Page - STMicroelectronics ST7-EPB Datasheet HTML 5Page - STMicroelectronics ST7-EPB Datasheet HTML 6Page - STMicroelectronics ST7-EPB Datasheet HTML 7Page - STMicroelectronics ST7-EPB Datasheet HTML 8Page - STMicroelectronics ST7-EPB Datasheet HTML 9Page - STMicroelectronics ST7-EPB Datasheet HTML 10Page - STMicroelectronics ST7-EPB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ST7-EPB
1 Getting Started
UM0028 Rev 4
7/15
1.2
Setting up your ST7-EPB
To setup your ST7-EPB programming board:
1.
Shut down and power-off the host PC.
2.
Connect one end of the supplied parallel cable to the EPB’s P1 connector and the
other end to one of the host PC’s parallel ports (LPT1 or LPT2).
Note:
Be sure to use the parallel cable provided with your kit — using a longer parallel cable may
cause malfunctions.
Connect the cable directly between the host PC and the programming board — inserting
additional cables or switch boxes between the host PC and the programming board may
cause malfunctions.
If a dongle (a hardware key required by some software packages) is already connected to
the PC’s parallel port, it should not interfere with the programming board. However, if a
malfunction of the board occurs, please remove the dongle and reconnect your EPB.
1.
Connect the power supply to the programming board. Ensure that the power supply is
adapted to the mains voltage and outlet type used in your country.
Note:
The board can be supplied from the integrated power supply provided with the board, or
from an external +15 VDC / 0.5 A power supply.
2.
Power on the host PC.
1.3
Using the programming sockets
All ST7-EPBs come with one or more sockets for programming. The sockets that are
available to you for programming will vary depending on the packages for the ST7 sub-
family that your programming board supports.
Regardless of the type of socket, when installing an ST7 for programming you must ensure
that pin 1 of the ST7 corresponds with pin 1 of the socket.
To install your ST7:
1.
Set up the EPB as described in
Section 1.2 on page 7.
2.
Identify the socket for your device package on the programming board.
3.
Open the socket, or lift the lever (for ZIF sockets) and place the device into the socket
with pin 1 matching the pin 1 indicator on the programming board.
Caution:
Take care when placing the device into a socket so as not to damage the device or the
board. Forcing the MCU into the socket may result in damage to the socket.
Optional
4
Figure 2.
Parts delivered with ST7-EPBs (not to scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com