Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7-EPB Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST7-EPB
Description  Programming board
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7-EPB Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST7-EPB Datasheet HTML 5Page - STMicroelectronics ST7-EPB Datasheet HTML 6Page - STMicroelectronics ST7-EPB Datasheet HTML 7Page - STMicroelectronics ST7-EPB Datasheet HTML 8Page - STMicroelectronics ST7-EPB Datasheet HTML 9Page - STMicroelectronics ST7-EPB Datasheet HTML 10Page - STMicroelectronics ST7-EPB Datasheet HTML 11Page - STMicroelectronics ST7-EPB Datasheet HTML 12Page - STMicroelectronics ST7-EPB Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ST7-EPB
1 Getting Started
UM0028 Rev 4
9/15
Note:
When using the ST7MDTS1-EPB, the VDD_APPLI is not connected to the ST7. When
setting up your application for in-circuit programming, refer to the ICP Interface diagram in
the In-CIrcuit Programming section of the ST7SCR Datasheet, instead of the diagram
provided above.
Using the ICC protocol for in-circuit programming requires that a minimum of 4 and as many
as 6 pins of your ST7 be connected to your programming board (see
Table 1). Additional
notes about these connections are provided in this section.
Note:
For specific ICC connection requirements for microcontroller introduced after the publication
of this document, please refer to the microcontroller datasheet.
Isolation of ICCDATA and ICCCLK pins
From the moment that your ST7-EPB is plugged into the application board, the ICCDATA
and ICCCLK pins must not be used by other application devices, even when you are not
programming the ST7. If the application uses these pins as inputs, isolation such as a serial
resistor must be implemented to prevent other application devices from forcing a signal on
either of these pins. The application board must not drive current in excess of 1mA.
If the ICCDATA and ICCCLK pins are only used as outputs by the application, no signal
isolation is necessary.
For ST7 without an ICCSEL pin, during normal operation the ICCCLK pin must be pulled-up
internally or externally (10K
Ω pull-up required in noisy environments). This is to avoid
entering ICC mode unintentionally during a reset.
Isolation of the RESET pin
During an ICC session, your ST7-EPB must control the ST7’s RESET pin. No external reset
can be generated by the application. This can lead to a conflict if the application reset
circuitry signal exceeds 5mA (push-pull output or pull-up resistor <1k). To avoid such
conflicts, a Shottky diode can be used to isolate the application reset circuit.
ICCSEL/VPP pin
The application pull-down resistor must not be lower than 10k
Ω.
Table 1.
ICC connection requirements
ST7 pin
Connects to...
ICCDATA
ICC input serial data pin
ICCDATA
ICCCLK
ICC output serial clock pin
ICCCLK
RESET
Device reset
ICCRESET
ICCSEL/VPP
Programming voltage
ICCSEL/VPP
OSC1 or OSCIN #
Main clock input for external
ICCOSC
VDD
Device power supply
VDD_APPLI
VSS
Device power supply (ground)
GND
#
Optional connection for ST7MDTxx-EPB, see text.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com