Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT162245ATPVCG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74FCT162245ATPVCG4
Description  16-Bit Transceivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74FCT162245ATPVCG4 Datasheet(HTML) 4 Page - Texas Instruments

  74FCT162245ATPVCG4 Datasheet HTML 1Page - Texas Instruments 74FCT162245ATPVCG4 Datasheet HTML 2Page - Texas Instruments 74FCT162245ATPVCG4 Datasheet HTML 3Page - Texas Instruments 74FCT162245ATPVCG4 Datasheet HTML 4Page - Texas Instruments 74FCT162245ATPVCG4 Datasheet HTML 5Page - Texas Instruments 74FCT162245ATPVCG4 Datasheet HTML 6Page - Texas Instruments 74FCT162245ATPVCG4 Datasheet HTML 7Page - Texas Instruments 74FCT162245ATPVCG4 Datasheet HTML 8Page - Texas Instruments 74FCT162245ATPVCG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CY74FCT16245T
CY74FCT162245T
CY74FCT162H245T
4
Power Supply Characteristics
Parameter
Description
Test Conditions
Typ.[5]
Max.
Unit
ICC
Quiescent Power Supply Current VCC=Max.
VIN<0.2V,
VIN>VCC-0.2V
5
500
µA
∆I
CC
Quiescent Power Supply Current
(TTL inputs HIGH)
VCC=Max.
VIN=3.4V
[10]
0.5
1.5
mA
ICCD
Dynamic Power Supply
Current[11]
VCC=Max., One Input Toggling,
50% Duty Cycle, Outputs Open,
OE=DIR=GND
VIN=VCC or
VIN=GND
60
100
µA/MHz
IC
Total Power Supply Current[12]
VCC=Max., f1=10 MHz,
50% Duty Cycle, Outputs Open,
One Bit Toggling,
OE=DIR=GND
VIN=VCC or
VIN=GND
0.6
1.5
mA
VIN=3.4V or
VIN=GND
0.9
2.3
mA
VCC=Max., f1=2.5 MHz, 50%
Duty Cycle, Outputs Open,
Sixteen Bits Toggling,
OE=DIR=GND
VIN=VCC or
VIN=GND
2.4
4.5[13]
mA
VIN=3.4V or
VIN=GND
6.4
16.5[13]
mA
Notes:
10. Per TTL driven input (VIN=3.4V); all other inputs at VCC or GND.
11. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
12. IC
=IQUIESCENT + IINPUTS + IDYNAMIC
IC
=ICC+∆ICCDHNT+ICCD(f0/2 + f1N1)
ICC = Quiescent Current with CMOS input levels
∆I
CC = Power Supply Current for a TTL HIGH input (VIN=3.4V)
DH
= Duty Cycle for TTL inputs HIGH
NT
= Number of TTL inputs at DH
ICCD = Dynamic Current caused by an input transition pair (HLH or LHL)
f0
= Clock frequency for registered devices, otherwise zero
f1
= Input signal frequency
N1
= Number of inputs changing at f1
All currents are in milliamps and all frequencies are in megahertz.
13. Values for these conditions are examples of the ICC formula. These limits are specified but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com