Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT162245ATPVCG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74FCT162245ATPVCG4
Description  16-Bit Transceivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74FCT162245ATPVCG4 Datasheet(HTML) 1 Page - Texas Instruments

  74FCT162245ATPVCG4 Datasheet HTML 1Page - Texas Instruments 74FCT162245ATPVCG4 Datasheet HTML 2Page - Texas Instruments 74FCT162245ATPVCG4 Datasheet HTML 3Page - Texas Instruments 74FCT162245ATPVCG4 Datasheet HTML 4Page - Texas Instruments 74FCT162245ATPVCG4 Datasheet HTML 5Page - Texas Instruments 74FCT162245ATPVCG4 Datasheet HTML 6Page - Texas Instruments 74FCT162245ATPVCG4 Datasheet HTML 7Page - Texas Instruments 74FCT162245ATPVCG4 Datasheet HTML 8Page - Texas Instruments 74FCT162245ATPVCG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
16-Bit Transceivers
CY74FCT16245T
CY74FCT162245T
CY74FCT162H245T
SCCS026B - July 1994 - Revised September 2001
Data sheet acquired from Cypress Semiconductor Corporation.
Data sheet modified to remove devices not offered.
Copyright
© 2001, Texas Instruments Incorporated
1CY74FCT16445T/2
H245T
Features
• Ioff supports partial-power-down mode operation
• Edge-rate control circuitry for significantly improved
noise characteristics
• Typical output skew < 250 ps
• ESD > 2000V
• TSSOP (19.6-mil pitch) and SSOP (25-mil pitch)
packages
• Industrial temperature range of –40˚C to +85˚C
• VCC = 5V ± 10%
CY74FCT16245T Features:
• 64 mA sink current, 32 mA source current
• Typical VOLP (ground bounce)<1.0V at VCC = 5V,
TA = 25˚C
CY74FCT162245T Features:
• Balanced output drivers: 24 mA
• Reduced system switching noise
• Typical VOLP (ground bounce) <0.6V at VCC = 5V,
TA= 25˚C
CY74FCT162H245T Features:
• Bus hold on data inputs
• Eliminates the need for external pull-up or pull-down
resistors
Functional Description
These 16-bit transceivers are designed for use in bidirectional
synchronous communication between two buses, where high
speed and low power are required. With the exception of the
CY74FCT16245T, these devices can be operated either as
two independent octals or a single 16-bit transceiver. Direction
of data flow is controlled by (DIR), the Output Enable (OE)
transfers data when LOW and isolates the buses when HIGH.
This
device
is
fully
specified
for
partial-power-down
applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device
when it is powered down.
The
CY74FCT16245T
is
ideally
suited
for
driving
high-capacitance loads and low-impedance backplanes.
The CY74FCT162245T has 24-mA balanced output drivers
with current limiting resistors in the outputs. This reduces the
need for external terminating resistors and provides for mini-
mal
undershoot
and
reduced
ground
bounce.
The
CY74FCT162245T is ideal for driving transmission lines.
The CY74FCT162H245T is a 24-mA balanced output part that
has bus hold on the data inputs. The device retains the input’s
last state whenever the input goes to high impedance. This
eliminates the need for pull-up/down resistors and prevents
floating inputs.
GND
Logic Block Diagrams CY74FCT16245T,CY74FCT162245T,
CY74FCT162H245T
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
33
32
31
30
29
25
26
27
28
36
35
1DIR
34
SSOP/TSSOP
Top View
13
14
15
16
17
18
19
20
21
22
23
24
45
44
43
42
41
37
38
39
40
48
47
46
1B1
1B2
1B3
1B4
1A1
1A2
1A3
1A4
1OE
GND
GND
VCC
1B7
1B8
1B5
1B6
1A5
1A6
1A7
1A8
VCC
GND
GND
2B3
2B4
2B1
2B2
2A1
2A2
2A3
2A4
GND
GND
VCC
2B7
2B8
2B5
2B6
2A5
2A6
2A7
2A8
VCC
GND
2DIR
2OE
FCT16245–1
1A1
1A2
1A3
1A4
1A5
1A6
1A7
1OE
1B1
1B2
1B3
1B4
1B5
1B6
1B7
1DIR
1A8
1B8
FCT16245–2
2A1
2A2
2A3
2A4
2A5
2A6
2A7
2OE
2B1
2B2
2B3
2B4
2B5
2B6
2B7
2DIR
2A8
2B8
FCT16245–3
16245T
162245T
162H245T


Similar Part No. - 74FCT162245ATPVCG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT162245ATPVCT TI-74FCT162245ATPVCT Datasheet
70Kb / 9P
16-bIT TRANSCEI
More results

Similar Description - 74FCT162245ATPVCG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163245 TI-CY74FCT163245 Datasheet
67Kb / 7P
16-Bit Transceivers
CY74FCT163952 TI-CY74FCT163952 Datasheet
65Kb / 6P
16-Bit Registered Transceivers
CY74FCT16543T TI-CY74FCT16543T Datasheet
70Kb / 8P
16-Bit Latched Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
16-Bit Registered Transceivers
CY74FCT16952T TI-CY74FCT16952T Datasheet
68Kb / 8P
16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
16-Bit Registered Transceivers
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
16-Bit Registered Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
16-Bit Registered Transceivers
CY74FCT16543T TI1-CY74FCT16543T_15 Datasheet
1,008Kb / 22P
16-Bit Latched Transceivers
CY74FCT163245 TI1-CY74FCT163245_05 Datasheet
137Kb / 10P
16-Bit Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com