Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH103ID Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH103ID
Description  Low cost triple video buffer/filter for standard video
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH103ID Datasheet(HTML) 3 Page - STMicroelectronics

  TSH103ID Datasheet HTML 1Page - STMicroelectronics TSH103ID Datasheet HTML 2Page - STMicroelectronics TSH103ID Datasheet HTML 3Page - STMicroelectronics TSH103ID Datasheet HTML 4Page - STMicroelectronics TSH103ID Datasheet HTML 5Page - STMicroelectronics TSH103ID Datasheet HTML 6Page - STMicroelectronics TSH103ID Datasheet HTML 7Page - STMicroelectronics TSH103ID Datasheet HTML 8Page - STMicroelectronics TSH103ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TSH103
Electrical characteristics
3/10
3
Electrical characteristics
Table 3.
VCC = +5V single supply, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DC performance
VDC
Output DC shift
RL = 150Ω
100
310
430
mV
-40°C < Tamb < +85°C
312
Iib
Input bias current
Vin= 0V
1.2
μA
-40°C < Tamb < +85°C
1.4
ICC
Supply current per channel
Vin= 0.5V DC
5.5
7.1
mA
-40°C < Tamb < +85°C
5.6
G
DC voltage gain
RL = 150Ω
1.93
1.97
2
V/V
-40°C < Tamb < +85°C
1.96
VOH
High level output voltage
RL = 150Ω
3.9
V
VOL
Low level output voltage
RL = 150Ω
41
46
mV
IOUT
Isink/Isource
56
mA
Video performance
FCut
-3dB bandwidth
Small signal, RL = 150Ω
9.4
MHz
-1dB bandwidth
Small signal, RL = 150Ω
5.1
7.4
Fatt
Filter attenuation
Small signal, F= 27MHz
37
dB
gd
Group delay
0 to 5MHz
10
ns
dG
Differential gain
RL = 150Ω
0.5
%
dPh
Differential phase
RL = 150Ω
0.5
°
Noise
en
Input voltage noise
100kHz
76
nV/VHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com