Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH103ID Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSH103ID
Description  Low cost triple video buffer/filter for standard video
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH103ID Datasheet(HTML) 4 Page - STMicroelectronics

  TSH103ID Datasheet HTML 1Page - STMicroelectronics TSH103ID Datasheet HTML 2Page - STMicroelectronics TSH103ID Datasheet HTML 3Page - STMicroelectronics TSH103ID Datasheet HTML 4Page - STMicroelectronics TSH103ID Datasheet HTML 5Page - STMicroelectronics TSH103ID Datasheet HTML 6Page - STMicroelectronics TSH103ID Datasheet HTML 7Page - STMicroelectronics TSH103ID Datasheet HTML 8Page - STMicroelectronics TSH103ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical characteristics
TSH103
4/10
Figure 1.
Frequency response
Figure 2.
Gain flatness
100k
1M
10M
100M
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
27MHz
Vcc = +4.5V, +5V, +5.5V
Small signal
Load = 150
Ω
Frequency (Hz)
100k
1M
10M
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
6.6
6.8
7.0
Vcc = +4.5V, +5V, +5.5V
Small signal
Load = 150
Ω
Frequency (Hz)
Figure 3.
Frequency response (large signal)
Figure 4.
Distortion
100k
1M
10M
100M
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
Vcc = +4.5V, +5V, +5.5V
Vout = 2Vp-p
Load = 150
Ω
Frequency (Hz)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
H3
H2
Vcc = +5V
Vicm = +0.5V
F = 1MHz
Load = 150
Ω
Output Amplitude (Vp-p)
Figure 5.
Quiescent current vs. Supply
Figure 6.
Input noise vs. frequency
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
no input signal
no load
Vcc (V)
1k
10k
100k
1M
40
60
80
100
120
140
160
180
200
220
240
260
No load
Input to GND
Vcc=+5V
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com