Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS321AIYLT Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS321AIYLT
Description  Low power single operational amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS321AIYLT Datasheet(HTML) 3 Page - STMicroelectronics

  TS321AIYLT Datasheet HTML 1Page - STMicroelectronics TS321AIYLT Datasheet HTML 2Page - STMicroelectronics TS321AIYLT Datasheet HTML 3Page - STMicroelectronics TS321AIYLT Datasheet HTML 4Page - STMicroelectronics TS321AIYLT Datasheet HTML 5Page - STMicroelectronics TS321AIYLT Datasheet HTML 6Page - STMicroelectronics TS321AIYLT Datasheet HTML 7Page - STMicroelectronics TS321AIYLT Datasheet HTML 8Page - STMicroelectronics TS321AIYLT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TS321
Absolute maximum ratings and operating conditions
3/12
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
+
Supply voltage
±16 to 32
V
Vi
Input voltage
-0.3 to +32
V
Vid
Differential input voltage
+32
V
Output short-circuit duration (1)
Infinite
Iin
Input current (2)
50
mA
Tstg
Storage temperature range
-65 to +150
°C
Tj
Maximum junction temperature
+150
°C
Rthja
Thermal resistance junction to ambient (3)
SOT23-5
SO-8
250
125
°C/W
Rthjc
Thermal resistance junction to case(3)
SOT23-5
SO-8
81
40
°C/W
ESD
HBM: human body model(4)
300
V
MM: machine model(5)
200
CDM: charged device model(6)
1500
1.
Short-circuits from the output to VCC can cause excessive heating if VCC > 15V. The maximum output current is
approximately 40mA independent of the magnitude of VCC.
2.
This input current only exists when the voltage at any of the input leads is driven negative. It is due to the collector-base
junction of the input PNP transistor becoming forward biased and thereby acting as input diodes clamps. In addition to this
diode action, there is also NPN parasitic action on the IC chip. This transistor action can cause the output voltages of the
Op-amps to go to the VCC voltage level (or to ground for a large overdrive) for the time during which an input is driven
negative. This is not destructive and normal output is restored when the input voltage goes back above -0.3V.
3.
Short-circuits can cause excessive heating. Destructive dissipation can result from simultaneous short-circuits on all
amplifiers. All values are typical.
4.
Human body model: A 100pF capacitor is charged to the specified voltage, then discharged through a 1.5k
Ω resistor
between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating.
5.
Machine model: A 200pF capacitor is charged to the specified voltage, then discharged directly between two pins of the
device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of connected pin combinations
while the other pins are floating.
6.
Charged device model: all pins and the package are charged together to the specified voltage and then discharged directly
to the ground through only one pin. This is done for all pins. The CDM value applies to SO-8 only.
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
+
Supply voltage
3 to 30
V
Vicm
Common mode input voltage range (VCC
+= 30V)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
0 to VCC
+ -1.5
0 to VCC
+ -2
V
Toper
Operating free-air temperature range
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com