Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS321AIYLT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS321AIYLT
Description  Low power single operational amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS321AIYLT Datasheet(HTML) 4 Page - STMicroelectronics

  TS321AIYLT Datasheet HTML 1Page - STMicroelectronics TS321AIYLT Datasheet HTML 2Page - STMicroelectronics TS321AIYLT Datasheet HTML 3Page - STMicroelectronics TS321AIYLT Datasheet HTML 4Page - STMicroelectronics TS321AIYLT Datasheet HTML 5Page - STMicroelectronics TS321AIYLT Datasheet HTML 6Page - STMicroelectronics TS321AIYLT Datasheet HTML 7Page - STMicroelectronics TS321AIYLT Datasheet HTML 8Page - STMicroelectronics TS321AIYLT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
TS321
4/12
3
Electrical characteristics
Table 3.
VCC
+ = +5V, V
CC
- = Ground, V
o = 1.4V, Tamb = +25°C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (1)
TS321
TS321A
Tmin ≤ Tamb ≤ Tmax
TS321
TS321A
0.5
4
2
5
3
mV
Iio
Input offset current
Tmin ≤ Tamb ≤ Tmax
230
50
nA
Iib
Input bias current (2)
Tmin ≤ Tamb ≤ Tmax
20
150
200
nA
Avd
Large signal voltage
gain
VCC
+ = +15V, R
L = 2kΩ, Vo = 1.4V to 11.4V
Tmin ≤ Tamb ≤ Tmax
50
25
100
V/mV
SVR
Supply voltage rejection
ratio
Rs
≤ 10kΩ, VCC+ = 5 to 30V
65
110
dB
ICC
Supply current, no load
VCC
+ = +5V
VCC
+ = +30V
Tmin ≤ Tamb ≤ Tmax
VCC
+ = +5V
VCC
+ = +30V
500
600
600
800
900
900
1000
µA
CMR
Common mode rejection
ratio
Rs ≤ 10kΩ
65
85
dB
Isource
Output current source
Vid = +1V
VCC
+ = +15V, V
o = +2V
20
40
mA
Isink
Output sink current
Vid = -1V
VCC
+ = +15V, V
o = +2V
VCC
+ = +15V, V
o = +0.2V
10
12
20
50
mA
µA
Io
Short-circuit to ground
VCC
+ = +15V
40
60
mA
VOH
High level output voltage
VCC
+ = +30V, R
L = 2kΩ
Tmin ≤ Tamb ≤ Tmax
VCC
+ = +30V, R
L = 10kΩ
Tmin ≤ Tamb ≤ Tmax
VCC
+ = +5V, R
L = 2kΩ
Tmin ≤ Tamb ≤ Tmax
26
25.5
27
26.5
3.5
3
27
28
V
VOL
Low level output voltage
RL = 10kΩ
Tmin ≤ Tamb ≤ Tmax
515
20
mV
SR
Slew rate
VCC
+ = +15V, V
i = 0.5 to 3V, RL = 2kΩ,
CL = 100pF, unity gain
0.4
V/
μs
GBP
Gain bandwith product
VCC
+ = 30V, f = 100kHz, V
in = 10mV,
RL = 2kΩ, CL = 100pF
0.8
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com