Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G4OAC5A.. Datasheet(PDF) 1 Page - Opto 22

Part # G4OAC5A..
Description  G4 Digital AC Output Modules
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22

G4OAC5A.. Datasheet(HTML) 1 Page - Opto 22

  G4OAC5A.. Datasheet HTML 1Page - Opto 22 G4OAC5A.. Datasheet HTML 2Page - Opto 22 G4OAC5A.. Datasheet HTML 3Page - Opto 22 G4OAC5A.. Datasheet HTML 4Page - Opto 22 G4OAC5A.. Datasheet HTML 5Page - Opto 22  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
G4 Digital AC Output Modules
PAGE
1
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2012 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
Features
4000 volts optical isolation (transient)
Built-in LED status indicator
Logic levels of 5, 15, and 24 VDC
Removable fuse
Current rating: 3 amps at 45° C
UL Motor Load rating: 1.5 amps
Ability to withstand one-cycle surge of 80 amps
Operating temperature: -30 °C to 70 °C
Description
Opto 22’s G4 AC output modules are used to control or switch
AC loads. Each module provides up to 4000 volts of optical
isolation (transient) between field outputs and the control
side of the circuit, and each features zero voltage turn-on and
zero current turn-off. All AC output modules are equivalent to
single-pole, single-throw, normally open contacts (Form A,
SPST-NO) except the G4OAC5A5, which is equivalent to a
single-pole, single-throw, normally closed contact (Form B,
SPST-NC).
Each module is equipped with a 4 amp fast-blow fuse. The
fuse breaking capacity is 40 amps at 250 VAC. Current should
be limited to prevent the short circuit current from exceeding
the rated breaking capacity of the fuse.
The G4OAC5MA and the G4OAC5AMA are special modules
featuring a manual-on/manual-off/automatic switch, ideal for
diagnostic testing of control applications.
Typical applications for AC output modules include switching
loads such as AC relays, solenoids, motor starters, heaters,
lamps, and indicators.
Part numbers ending in FM are Factory Mutual approved.
G4OAC5A and
G4OAC5AMA Modules
Part Numbers
Part
Description
G4OAC5
G4 AC Output 12–140 VAC, 5 VDC Logic
G4OAC5FM
G4 AC Output 12–140 VAC, 5 VDC Logic,
Factory Mutual Approved
G4OAC5A
G4 AC Output 24–280 VAC, 5 VDC Logic
G4OAC5AFM
G4 AC Output 24–280 VAC, 5 VDC Logic,
Factory Mutual Approved
G4OAC5A5
G4 AC Output 24–280 VAC, 5 VDC Logic
NC
G4OAC5A5FM
G4 AC Output 24–280 VAC, 5 VDC Logic
NC, Factory Mutual Approved
G4OAC5MA
G4 AC Output 12–140 VAC, 5 VDC Logic
With Manual/Auto Switch
G4OAC5AMA
G4 AC Output 24–280 VAC, 5 VDC Logic
With Manual/Auto Switch
G4OAC15
G4 AC Output 12–140 VAC, 15 VDC
Logic
G4OAC15A
G4 AC Output 24–280 VAC, 15 VDC
Logic
G4OAC24
G4 AC Output 12–140 VAC, 24 VDC
Logic
G4OAC24A
G4 AC Output 24–280 VAC, 24 VDC
Logic


Similar Part No. - G4OAC5A..

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
G4OAC5A E-OEC-G4OAC5A Datasheet
206Kb / 5P
G4 Digital AC Output Modules
G4OAC5A5 E-OEC-G4OAC5A5 Datasheet
206Kb / 5P
G4 Digital AC Output Modules
G4OAC5A5FM E-OEC-G4OAC5A5FM Datasheet
206Kb / 5P
G4 Digital AC Output Modules
G4OAC5AFM E-OEC-G4OAC5AFM Datasheet
206Kb / 5P
G4 Digital AC Output Modules
G4OAC5AMA E-OEC-G4OAC5AMA Datasheet
206Kb / 5P
G4 Digital AC Output Modules
More results

Similar Description - G4OAC5A..

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70M-OAC5 GRAYHILL-70M-OAC5 Datasheet
119Kb / 2P
AC Output Modules
logo
National Instruments Co...
NI940X NI-NI940X Datasheet
1Mb / 6P
C Series Digital Output and Relay Modules
logo
Crydom Inc.,
6411 CRYDOM-6411 Datasheet
53Kb / 2P
AC Output Buffered Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9731-154 AVAGO-HEDS-9731-154 Datasheet
119Kb / 6P
Small Optical Encoder Modules 480lpi Digital Output
logo
Opto Electronics Co,. L...
G4OAC5A E-OEC-G4OAC5A Datasheet
206Kb / 5P
G4 Digital AC Output Modules
logo
PHOENIX CONTACT
FLKM4-I PHOENIX-FLKM4-I Datasheet
52Kb / 3P
Modules accept Opto 22 G4 or Grayhill G5 solid state relays
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-970X AVAGO-HEDS-970X Datasheet
279Kb / 10P
Digital Output Small Optical Encoder Modules
logo
CINCON ELECTRONICS Corp...
CFM21 CINCON-CFM21 Datasheet
307Kb / 2P
20 WATT SINGLE OUTPUT AC-DC MODULES
CFM21M CINCON-CFM21M Datasheet
575Kb / 3P
20 WATT SINGLE OUTPUT AC-DC MODULES
CFM60T CINCON-CFM60T Datasheet
377Kb / 2P
60W TRIPLE OUTPUT AC-DC MODULES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com