Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G4OAC5A.. Datasheet(PDF) 3 Page - Opto 22

Part # G4OAC5A..
Description  G4 Digital AC Output Modules
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22

G4OAC5A.. Datasheet(HTML) 3 Page - Opto 22

  G4OAC5A.. Datasheet HTML 1Page - Opto 22 G4OAC5A.. Datasheet HTML 2Page - Opto 22 G4OAC5A.. Datasheet HTML 3Page - Opto 22 G4OAC5A.. Datasheet HTML 4Page - Opto 22 G4OAC5A.. Datasheet HTML 5Page - Opto 22  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
G4 Digital AC Output Modules
PAGE
3
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2012 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
Specifications (cont.)
Units
G4OAC15***
G4OAC15A***
G4OAC24***
G4OAC24A***
Nominal line voltage
VAC
120
120/240
120
120/240
Output voltage range
VAC
12–140
24–280
12–140
24–280
Key feature
—
——
——
Current rating:
At 45 °C ambient
At 70 °C ambient
A
A
3
2
3
2
3
2
3
2
UL Motor Load Rating
A
1.5
1.5
1.5
1.5
Isolation input-to-output (transient):
1 ms
1 minute
volts
4000
1500
4000
1500
4000
1500
4000
1500
Off-state leakage at nominal volt-
age (60 Hz)
mARMS
5
1.25/2.5
5
1.25/2.5
Logic voltage range
VDC
10.5–16
10.5–16
19.5–32
19.5–32
Logic pickup voltage
VDC
10.5
10.5
19.5
19.5
Logic dropout voltage
VDC
1
1
1
1
Logic input current at nominal logic
voltage
mA
15
15
18
18
Control resistance
(Rc in schematic)
ohms
1 K
1 K
2.2 K
2.2 K
One-cycle surge
A peak
80
80
80
80
Turn-on time @ 60 Hz
micro-
seconds
≤8.3*
≤8.3*
≤8.3*
≤8.3*
Turn-off time @ 60 Hz
micro-
seconds
≤8.3**
≤8.3**
≤8.3**
≤8.3**
Peak repetitive voltage
VAC
500
500
500
500
Minimum load current
mA
20
20
20
20
Output voltage drop maximum peak
V
1.6
1.6
1.6
1.6
Operating frequency
Hz
25–65
25–65
25–65
25–65
dV/dT-off-state
V/micro-
second
200
200
200
200
dV/dT-commutating
--
snubbed for 0.5
power factor load
snubbed for 0.5
power factor load
snubbed for 0.5
power factor load
snubbed for 0.5
power factor load
Temperature
Operating:
Storage:
°C
°C
-30 to +70
-30 to +85
-30 to +70
-30 to +85
-30 to +70
-30 to +85
-30 to +70
-30 to +85
* One-half cycle maximum. Module turns on at the zero volt crossing of the AC sine wave.
** One-half cycle maximum. Module turns off at the zero current crossing of the AC sine wave.
*** Not for use with Opto 22 brains.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com