Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1934 Datasheet(PDF) 13 Page - Analog Devices

Part # AD1934
Description  8-Channel DAC with PLL, 192 kHz, 24 Bits
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1934 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1934 Datasheet HTML 9Page - Analog Devices AD1934 Datasheet HTML 10Page - Analog Devices AD1934 Datasheet HTML 11Page - Analog Devices AD1934 Datasheet HTML 12Page - Analog Devices AD1934 Datasheet HTML 13Page - Analog Devices AD1934 Datasheet HTML 14Page - Analog Devices AD1934 Datasheet HTML 15Page - Analog Devices AD1934 Datasheet HTML 16Page - Analog Devices AD1934 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD1934
Rev. 0 | Page 13 of 28
SERIAL CONTROL PORT
The AD1934 has an SPI control port that permits programming
and reading back of the internal control registers for the DACs
and clock system. There is also a standalone mode available for
operation without serial control that is configured at reset using
the serial control pins. All registers are set to default, except the
internal MCLK enable which is set to 1. Standalone mode only
supports stereo mode with I2S data format and 256 fS master
clock rate. Table 11 shows the SPI control port pins logic state
when configured in standalone and SPI software control mode.
All four SPI control port pins need to be set to logic low for
standalone operation (see Table 11).It is recommended to use a
weak pull-up resistor on CLATCH in applications that have a
microcontroller. This pull-up resistor ensures that the AD1934
recognizes the presence of a microcontroller.
The SPI control port of the AD1934 is a 4-wire serial control
port. The format is similar to the Motorola SPI format except
the input data-word is 24 bits wide. The serial bit clock and
latch can be completely asynchronous to the sample rate of the
DACs. Figure 9 shows the format of the SPI signal. The first
byte is a global address with a read/write bit. For the AD1934,
the address is 0x04, shifted left 1 bit due to the R/W bit. The
second byte is the AD1934 register address and the third byte
is the data.
Table 11. SPI vs. Standalone Mode Configuration
Codec Control
COUT
CIN
CLATCH
CCLK
SPI
OUT
IN
1 (Pull-Up)
IN
Standalone
0
0
0
0
D0
D0
D8
D8
D22
D23
D9
D9
CLATCH
CCLK
CIN
COUT
tCCH tCCL
tCDS tCDH
tCLS
tCCP
tCLH
tCOTS
tCOD
tCOE
Figure 9. Format of SPI Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com